Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 139 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 139 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 135Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 136Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 137Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 138Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 139Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 140Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 141Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 142Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 143Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 168 page
background image
Chapter 7 JTAG Interface
7-5
7.3.3
Boundary-Scan Register
The
Boundary Scan register includes all of the inputs and outputs of the TX4955A
processor, except some clock and phase lock loop signals. The pins of the TX4955A chip can
be configured to drive any arbitrary pattern by scanning into the
Boundary Scan register
from the Shift-DR state. Incoming data to the processor is examined by shifting while in the
Capture-DR state with the
Boundary Scan register enabled.
The
Boundary-scan register is a single, 87-bit-wide, shift register-based path containing
cells connected to all input and output pads on the TX4955A processor. Figure 7.3.4 shows
the
Boundary-scan register.
86
10
See Table 7.3.2
SysEN1
Figure 7.3.4 Format of the Boundary-scan Register
The most-significant bit, SysEN (bit3 to bit0), are the JTAG output enable bit for all
outputs of the processor. Output is enabled when those bit are set to 1 (default state).
The remaining 83 bits correspond to 83 signal pads of the processor.
At the end of this chapter, Table 7.3.2 lists the scan order of these 89 scan bits, starting
from JTDI
JTDI
JTDI
JTDI and ending with JTDO
JTDO
JTDO
JTDO.
The JTDI input is loaded to the LSB of the Boundary Scan register. The MSB of the
Boundary Scan register is retrieved from the JTDO output.
7.3.4
Device Identification Register
The Device Identification register is a 32-bit shift register. It is used to read serially from
the IC the identification code indicating the IC manufacturer, part number, and version.
The following shows the Device Identification register structure.
31
28 27
12 11
1
0
Version
Product number
manufacturer
identification code
1
4 bits
16 bits
11 bits
Figure 7.3.5 Device Identification Register
The TX4955A device identification code is 0x00017031.
The device identification code is shifted out starting from the LSB.
Figure 7.3.6 Devide Identification Register shift Direction
LSB
JTDO
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com