Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 143 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 143 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 139Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 140Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 141Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 142Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 143Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 144Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 145Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 146Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 147Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 168 page
background image
Chapter 7 JTAG Interface
7-9
•
Exit 1-DR
This is a temporary controller state.
If JTMS is held low when the controller is in this state, then the controller moves
to the Pause-DR state. If JTMS is held high, the controller moves to the
Update-DR state.
•
Pause-DR
This state allows the shifting of the data register selected by the instruction
register to be temporarily suspended. Both the instruction register and the data
register retain their current states.
When the controller is in this state, then it remains in the Pause-DR state if JTMS
is held low, or moves to the Exit2-DR state if JTMS is held high.
•
Exit 2-DR
This is a temporary controller state.
When the controller is in this state, then it returns to the Shift-DR state if JTMS is
held low, or moves on to the Update-DR state if JTMS is held high.
•
Update-DR
In this state, data is latched, on the falling edge of JTCK, onto the parallel outputs
of the data registers from the shift register path. The data held at the parallel
output does not change while data is shifted in the associated shift register path.
When the controller is in this state, it moves to either the Run-Test/Idle state if
JTMS is held low, or the Select-DR-Scan state if JTMS is held high.
•
Capture-IR
In this state, data is parallel-loaded into the instruction register. The two least
significant bits are assigned the values “01”. The higher-order bits of the
instruction register can receive any design specific values. The Capture-IR state is
used for testing the instruction register. Faults in the instruction register, if any
exists, may be detected by shifting out the data loaded in it.
When the controller is in this state, it moves to either the Shift-IR state if JTMS is
low, or the Exit1-IR state if JTMS is high.
•
Shift-IR
In this state, the instruction register is connected between JTDI and JTDO and
shifts the captured data toward its serial output on the rising edge of JTCK.
When the controller is in this state, it remains in the Shift-IR state if JTMS is low,
or moves to the Exit1-IR state if JTMS is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com