Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 145 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 145 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 141Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 142Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 143Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 144Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 145Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 146Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 147Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 148Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 149Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 168 page
background image
Chapter 7 JTAG Interface
7-11
7.4
Instructions for JTAG
This section defines the instructions supplied and the operations that occur in response to
those instructions.
7.4.1
The EXTEST Instruction
This instruction is used for external interconnect test, and targets the boundary scan
register between JTDI and JTDO. The EXTEST instruction permits BSR cells at output
pins to shift out test patterns in the Update-DR state and those at input pins to capture
test results in the Capture-DR state.
Typically, before EXTEST is executed, the initialization pattern is first shifted into the
boundary scan register using the SAMPLE/PRELOAD instruction. In the Update-DR state,
the boundary scan register loaded with the initialization pattern causes known data to be
driven immediately from the IC onto its external interconnects. This eliminates the
possibility that bus conflicts damage the IC outputs. The flow of data through the boundary
scan register while the EXTEST instruction is selected is shown in Figure 7.4.1, which
follows:
Figure 7.4.1 Test Data Flow While the EXTEST Instruction is Selected
The following steps describe the basic test algorithm of an external interconnect test.
1. Initialize the TAP controller to the Test-Logic-Reset state.
2. Load the instruction register with SAMPLE/PRELOAD. This causes the boundary
scan register to be connected between JTDI and JTDO.
3. Initialize the boundary scan register by shifting in determinate data.
4. Then, load the initial test data into the boundary scan register.
5. Load the instruction register with EXTEST.
6. Capture the data applied to the input pin into the boundary scan register.
7. Shift out the captured data while simultaneously shifting in the next test pattern.
8. Read out the data in the boundary scan register onto the output pin.
Steps 6 to 8 are repeated for each test pattern.
Core Logic
OUTPUT
JTDO
INPUT
JTDI
Boundary Scan Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com