Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 149 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 149 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 145Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 146Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 147Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 148Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 149Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 150Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 151Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 152Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 153Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 168 page
background image
Chapter 8 TX4955A Processor Interrupts
8-1
Chapter 8.
TX4955A Processor Interrupts
Four types of interrupt are available on the TX4955A. These are:
•
one non-maskable interrupt, NMI
•
six external interrupts
•
two software interrupts
•
one timer interrupt
These are described in this chapter.
8.1
Nonmaskable Interrupt
The non-maskable interrupt is signaled by asserting the NMI
NMI
NMI
NMI* pin (low), forcing the processor
to branch to the Reset Exception vector. This pin is latched into an internal register by the
rising edge of SClock
SClock
SClock
SClock, as shown in Figure 8.4.1. An NMI can also be set by an external write
through the SysAD
SysAD
SysAD
SysAD bus. On the data cycle, SysAD (22)
SysAD (22)
SysAD (22)
SysAD (22) acts as the write enable for SysAD (6)
SysAD (6)
SysAD (6)
SysAD (6),
which is the value to be written as the interrupt.
NMI only takes effect when the processor pipeline is running. Thus NMI can be used to
recover the processor from a software hang (for example, in an infinite loop) but cannot be used
to recover the processor from a hardware hang (for example, no read response from an external
agent). NMI cannot cause drive contention on the SysAD
SysAD
SysAD
SysAD bus and no reset of external agents is
required.
This interrupt cannot be masked.
The NMI
NMI
NMI
NMI* pin is latched by the rising edge of SClock
SClock
SClock
SClock, however the NMI exception occurs in
response to the falling edge of the NMI
NMI
NMI
NMI* signal, and is not level-sensitive.
Figure 8.4.1 shows the internal derivation of the NMI
NMI
NMI
NMI signal. The NMI
NMI
NMI
NMI* pin is latched into an
internal register by the rising edge of SClock
SClock
SClock
SClock. Bit 6 of the Interrupt register is then ORed with
the inverted value of NMI
NMI
NMI
NMI* to form the nonmaskable interrupt.
8.2
External Interrupts
External interrupts are set by asserting the external interrupt pins Int
Int
Int
Int ((((5555:0)
:0)
:0)
:0)*. They also may
be set by an external write through the SysAD
SysAD
SysAD
SysAD bus. During the data cycle, SysAD (2
SysAD (2
SysAD (2
SysAD (21111:16)
:16)
:16)
:16) are
the write enables for bits SysAD (
SysAD (
SysAD (
SysAD (5555:0)
:0)
:0)
:0), which are the values to be written as interrupts.
These interrupts can be masked with the
IM, IE, and EXL fields of the Status register.
Note: Int5* is doubled as a Timer Interrupt. Therefore either is selected with the External pin (TintDis).
8.3
Software Interrupt
Software interrupts use bits 1 and 0 of the interrupt pending,
IP, field in the Cause register.
These may be written by software, but there is no hardware mechanism to set or clear these
bits.
These interrupts are maskable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com