Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 153 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 153 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 149Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 150Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 151Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 152Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 153Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 154Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 155Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 156Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 157Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 168 page
background image
Chapter 9 Debug Support Unit
9-1
Chapter 9.
Debug Support Unit
9.1
Features
1. Utilizes JTAG interface compatible with IEEE Std. 1149.1.
2. Processor access to external processor probe to execute from the external trace memory during
debug exception and boot time. This is to eliminate system memory for debugging purpose.
3. Supports DMA access through JTAG interface to internal processor bus to access internal
registers, host system peripherals and system memory.
4. Debug functions
• Instruction Address Break
• Data Bus break
• Processor Bus Break
• Reset, NMI, Interrupt Mask
5. Instructions for Debug
• SDBBP, DERET, CTC0, CFC0
6. CP0 Registers for Debug
• Debug, DEPC, DESAVE
9.2
EJTAG interface
This interface consists of two modes of operation a Run Time Mode and Real Time Mode. The
Run Time Mode provides functions such as processor Run, STOP, Single Step, and access to
internal registers and system memory. The Real Time mode provides additional status pins
used in conjunction with JTAG pins for Real Time Trace information.
Table 9.2.1 JTAG Interface
PIN NAME
I / O
FUNCTION
JTDI
I
JTAG data input / Debug interrupt input
Run-time mode: Input serial data to JTAG data/instruction registers.
Real-time mode: Interrupt input to change the debug unit state from real-time mode to run-time mode.
JTCK
I
JTAG clock input
Clock input for JTAG. The JTDI and JTMS data are latched on rising edges of this clock.
JTDO/TPC(0)
O
JTAG data output / Trace PC output
Data is serially shifted out from this pin. / Outputs a non-sequential program counter value
synchronously with DCLK.
JTMS
I
JTAG command
Controls mainly the status transition of the TAP controller state machine.
When the serial input data is a JTAG command, apply a high signal (= 1) to this pin.
DCLK
O
Debug clock (1/3 CPU clock)
Clock output for a real-time debug system. Timings of the serial monitor bus and PC trace interface
signals all are defined by this debug clock DCLK.
This Debug clock frequency is 1/3 that of Pclock.
PCST(8:0)
O
PC trace status
Outputs PC trace status information and serial monitor bus mode.
TPC(3:1) Note 1
O
Trace PC output
Outputs a non-sequential program counter value synchronously with DCLK.
TRST*
I
Test reset input
Reset input for a real-time debug system. When TRST* is asserted (= 0), the debug support unit (DSU)
is initialized.
Note1: Leave TPC (3-1) pins open when not using them as PC trace outputs for debugging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com