Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 142 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 142 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 138Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 139Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 140Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 141Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 142Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 143Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 144Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 145Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 146Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 168 page
background image
Chapter 7 JTAG Interface
7-8
•
Test-Logic-Reset
When the TAP controller is in the Reset state, the value 0x3 is loaded into the
parallel output latch, selecting the Device Identification register as default. The
three most significant bits of the Boundary-scan register are cleared to 0, disabling
the outputs.
The controller remains in this state while JTMS is high. If JTMS is held low while
the controller is in this state, then the controller moves to the Run-Test/Idle state.
•
Run-Test/Idle
In the Run-Test/Idle state, the IC is put in a test mode only when certain
instructions such as a built-in self test (BIST) instruction are present. For
instructions that do not cause any activities in this state, all test data registers
selected by the current instruction retain their previous states.
The controller remains in this state while JTMS is held low. When JTMS is high,
the controller moves to the Select-DR-Scan state.
•
Select-DR-Scan
This is a temporary controller state. Here, the IC does not execute any specific
functions.
If JTMS is held low when the controller is in this state, then the controller moves
to the Capture-DR state. If JTMS is held high, the controller moves to the
Select-IR-Scan state in the instruction column.
•
Select-IR-Scan
This is a temporary controller state. Here, the IC does not execute any specific
functions.
If JTMS is held low when the controller is in this state, then the controller moves
to the Capture-IR state. If JTMS is held high, the controller returns to the
Test-Logic-Reset state.
•
Capture-DR
In this controller state, if the test data register selected by the current instruction
on the rising edge of JTCK has parallel inputs, then data can be parallel-loaded
into the shift portion of the data register. If the test data register does not have
parallel inputs, or if data need not be loaded into the selected data register, then
the data register retains its previous state.
If JTMS is held low while the controller is in this state, the controller moves to the
Shift-DR state. If JTMS is held high, the controller moves to the Exit1-DR state.
•
Shift-DR
In this controller state, the test data register connected between JTDI and JTDO
shifts data one stage forward towards its serial output.
When the controller is in this state, then it remains in the Shift-DR state if JTMS
is held low, or moves to the Exit1-DR state if JTMS is held high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com