Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 9Page - ON Semiconductor CS5305 Datasheet HTML 10Page - ON Semiconductor CS5305 Datasheet HTML 11Page - ON Semiconductor CS5305 Datasheet HTML 12Page - ON Semiconductor CS5305 Datasheet HTML 13Page - ON Semiconductor CS5305 Datasheet HTML 14Page - ON Semiconductor CS5305 Datasheet HTML 15Page - ON Semiconductor CS5305 Datasheet HTML 16Page - ON Semiconductor CS5305 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
CS5305
http://onsemi.com
13
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 10. DAC Output for VID = 00110 (1.700 V)
Figure 11. GATE Phase Delay vs. Temperature
Figure 12. GATE Rise and Fall Time vs. Temperature
Figure 13. PWM Comparator Minimum Pulse
Width vs. Temperature
Figure 14. PWM Transient Response Time vs.
Temperature
Figure 15. Current Sense Amp Channel Start−Up
Offset Voltage vs. Temperature
0
1.572
Temperature (°C)
1.574
1.576
1.578
1.580
1.582
25
50
75
100
125
0
100
Temperature (°C)
110
115
120
125
130
135
140
25
50
75
100
125
105
GATE3 to GATE1
GATE2 to GATE3
GATE1 to GATE2
0
4.0
Temperature (°C)
6.0
8.0
10
25
50
75
100
125
Rise Time
Fall Time
0
70
Temperature (°C)
75
80
85
90
95
25
50
75
100
125
0
80
Temperature (°C)
100
120
140
160
25
50
75
100
125
0
400
Temperature (°C)
450
500
550
600
650
700
25
50
75
100
125
CLOAD = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com