Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 13Page - ON Semiconductor CS5305 Datasheet HTML 14Page - ON Semiconductor CS5305 Datasheet HTML 15Page - ON Semiconductor CS5305 Datasheet HTML 16Page - ON Semiconductor CS5305 Datasheet HTML 17Page - ON Semiconductor CS5305 Datasheet HTML 18Page - ON Semiconductor CS5305 Datasheet HTML 19Page - ON Semiconductor CS5305 Datasheet HTML 20Page - ON Semiconductor CS5305 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
CS5305
http://onsemi.com
17
will decay with the time constant (Rcsx)(Ccsx). The VDRP
voltage will also overshoot and response will be slowed,
since the current signal is a component of that voltage. The
single phase current limit will trip earlier since the current
signal appears larger than it should be, and the module
current limit will have a lower threshold for fast transients
than it will for slow transients. Additional external
components in the droop circuit and in the error amp
compensation will correct this condition. Details are provided
in the data sheet section on choosing external components.
Adaptive Voltage Positioning
Adaptive voltage positioning is a technique used to reduce
peak−to−peak output deviations during output current
transients. The output voltage is set higher than nominal at
light loads to reduce output voltage sag when load current is
suddenly increased. Similarly, output voltage is set lower
than nominal at heavy loads to reduce overshoot when load
current suddenly decreases. The CS5305 implements
adaptive voltage positioning by placing a resistor divider
between VDRP and VOUT. The center tap of the divider
connects to VFB. These resistors, along with two or three
other external components, implement a lossless droop
voltage function.
Past implementations of adaptive voltage positioning
used a droop resistor. This resistor was placed in series
between the regulation point of the output voltage and the
load. Increasing the current to the load caused the voltage at
the load to droop below the regulation point. The amount of
droop was equal to the change in current multiplied by the
droop resistor value. This method was acceptable for low
values of output current, where the droop resistor provided
a minimal change in voltage without dissipating a great deal
of power. Higher output current levels and tighter droop
voltage requirements in today’s microprocessors have
rendered this droop resistor technique unusable. The
lossless technique solves these problems.
The AVP function addresses DC and slow transient output
voltage positioning. Response during the first few hundreds
of nanoseconds of a transient are addressed primarily by the
power stage output impedance, and the ESR and ESL of the
output filter. The ramp size and the error amplifier
compensation control the transition between these two
regions. If ramp size is too large or the error amp is too slow,
there will be a long transition to the final voltage after a
transient. This will be most apparent if the output
capacitance is low.
Figure 28 shows how adaptive positioning works. The
waveform labeled “normal” shows output voltage for a
converter without adaptive voltage positioning. The voltage
sags when current steps up, returns to its nominal value and
then overshoots when the current load is decreased. Using
a slow adaptive positioning circuit can actually worsen
performance. The slow adaptive positioning waveform
above shows the output voltage sag, but the voltage recovers
to its initial value before the adaptive positioning circuit
becomes active. When the load decreases, the overshoot
causes the output voltage to exceed the upper limit. The fast
adaptive positioning waveform shows how AVP can reduce
transient voltage requirements by about one half compared
to a “normal” converter.
Adaptive Positioning
Adaptive Positioning
Normal
Fast
Slow
Limits
Figure 28. Adaptive Positioning
Current Limit
The CS5305 features two separate current limit circuits.
First, the per−phase current limit terminates topside switch
conduction in a phase if the voltage between any CSx pin
and CSREF exceeds a typical value of 90 mV. This provides
fast peak current protection for individual phases. In
addition, the output current signals for all three phases are
summed and filtered to provide an average module current
signal. This signal is compared to a voltage that is
user−programmable. If this voltage is exceeded, the fault
latch is set and the COMP capacitor is discharged by a 5 μA
current sink until the COMP voltage falls below 0.2 V. The
soft−start cycle begins when this threshold is reached, and the
converter will operate in hiccup−mode until the overcurrent
condition is cleared.
Error Amplifier
The CS5305 uses the Enhanced V2 control method to
offer the fastest and most accurate regulation available. One
of the features of this control method is ease of error
amplifier compensation. A single capacitor placed from the
COMP pin to ground is sufficient to adequately stabilize the
error amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com