Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5305 Datasheet HTML 1Page - ON Semiconductor CS5305 Datasheet HTML 2Page - ON Semiconductor CS5305 Datasheet HTML 3Page - ON Semiconductor CS5305 Datasheet HTML 4Page - ON Semiconductor CS5305 Datasheet HTML 5Page - ON Semiconductor CS5305 Datasheet HTML 6Page - ON Semiconductor CS5305 Datasheet HTML 7Page - ON Semiconductor CS5305 Datasheet HTML 8Page - ON Semiconductor CS5305 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
CS5305
http://onsemi.com
2
APPLICATION DIAGRAMS
GND
GATE1
GATE2
GATE3
DRVON
VCC
SGND
PWRGDS
VID0
VID1
VID2
VID3
VID4
PWRGD
OCSET
ROSC
ENABL
CS1
CS2
CS3
CSREF
IFB
IOUT
SHARE
SCOMP
VDRP
VFB
COMP
3.9 k
47 nF
12 k
3 k
.01 μF
22 nF
91 k
17 k
220 Ω
0.1 μF
220 Ω
12 k
× 3
47 nF
× 3
GND SENSE
POWERGOOD
VOUT SENSE
SHARE
VID4
VID3
VID2
VID1
VID0
60.4 k
NCP5351
1 μF
.47 nF
NTD
4302
× 2
NTD
4302
× 2
BAS40LT1
NCP5351
1 μF
NTD
4302
× 2
BAS40LT1
NCP5351
1 μF
NTD
4302
× 2
BAS40LT1
NTD
4302
× 2
NTD
4302
× 2
VOUT
100 μF
× 5
270 nH
470 nH
20 k
ENABLE
28.7 k
+12 V
2.2 μF
220 k
0.1 μF
6.2 V
GND
5.6 V
Figure 1. VRM 9.0, 60 A Converter
10 μF
× 3
20 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com