Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5305 Datasheet HTML 1Page - ON Semiconductor CS5305 Datasheet HTML 2Page - ON Semiconductor CS5305 Datasheet HTML 3Page - ON Semiconductor CS5305 Datasheet HTML 4Page - ON Semiconductor CS5305 Datasheet HTML 5Page - ON Semiconductor CS5305 Datasheet HTML 6Page - ON Semiconductor CS5305 Datasheet HTML 7Page - ON Semiconductor CS5305 Datasheet HTML 8Page - ON Semiconductor CS5305 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
CS5305
http://onsemi.com
4
MAXIMUM RATINGS (continued)
Pin Number
ISINK
ISOURCE
VMIN
VMAX
Pin Symbol
16−20
VID4−VID0
16 V
−0.3 V
1.0 mA
1.0 mA
21
PWRGDS
7.0 V
−0.3 V
1.0 mA
1.0 mA
22
SGND
0.3 V
−0.3 V
1.0 mA
1.0 mA
23
VCC
16 V
−0.3 V
N/A
0.4 A, 1.0 μs 100 mA DC
24
DRVON
7.0 V
−0.3 V
10 mA
1.0 mA
25−27
GATE 3−1
16 V
−0.3 V
0.1 A, 1.0 μs; 25 mA DC
0.1 A, 1.0 μs 25 mA DC
28
GND
N/A
N/A
0.4 A, 1.0 μs; 100 mA DC
N/A
ELECTRICAL CHARACTERISTICS (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEX = 100 pF,
CCOMP = 0.01μF, CSCOMP = 0.01μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, RSHARE = 60.4 kΩ, V(OCSET) = 0.54 V, DAC Code 01110; unless
otherwise stated.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Voltage Identification DAC (0 = Connected to GND, 1 = Open (Pulled−up to internal 3.3 V) or Pulled−up to external voltage 3 13 V)
Accuracy (all codes)
VID code − 125 mV
Connect VFB to COMP,
SGND < 55 mV,
Measure COMP − SGND
± 1.0
%
VID4 VID3 VID2 VID1 VID0
VID Maximum Voltage
1
1
1
1
1
DRVON < 1.0 V, GATEX < 1.0 V
FAULT Mode
V
1
1
1
1
0
1.100
0.965
0.975
0.985
V
1
1
1
0
1
1.125
0.990
1.000
1.010
V
1
1
1
0
0
1.150
1.015
1.025
1.035
V
1
1
0
1
1
1.175
1.040
1.050
1.061
V
1
1
0
1
0
1.200
1.064
1.075
1.086
V
1
1
0
0
1
1.225
1.089
1.100
1.111
V
1
1
0
0
0
1.250
1.114
1.125
1.136
V
1
0
1
1
1
1.275
1.139
1.150
1.162
V
1
0
1
1
0
1.300
1.163
1.175
1.187
V
1
0
1
0
1
1.325
1.188
1.200
1.212
V
1
0
1
0
0
1.350
1.213
1.225
1.237
V
1
0
0
1
1
1.375
1.238
1.250
1.263
V
1
0
0
1
0
1.400
1.263
1.275
1.288
V
1
0
0
0
1
1.425
1.287
1.300
1.313
V
1
0
0
0
0
1.450
1.312
1.325
1.338
V
0
1
1
1
1
1.475
1.337
1.350
1.364
V
0
1
1
1
0
1.500
1.361
1.375
1.389
V
0
1
1
0
1
1.525
1.386
1.400
1.414
V
0
1
1
0
0
1.550
1.411
1.425
1.439
V
0
1
0
1
1
1.575
1.436
1.450
1.465
V
0
1
0
1
0
1.600
1.460
1.475
1.490
V
0
1
0
0
1
1.625
1.485
1.500
1.515
V
0
1
0
0
0
1.650
1.510
1.525
1.540
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com