Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 31 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 25Page - ON Semiconductor CS5305 Datasheet HTML 26Page - ON Semiconductor CS5305 Datasheet HTML 27Page - ON Semiconductor CS5305 Datasheet HTML 28Page - ON Semiconductor CS5305 Datasheet HTML 29Page - ON Semiconductor CS5305 Datasheet HTML 30Page - ON Semiconductor CS5305 Datasheet HTML 31Page - ON Semiconductor CS5305 Datasheet HTML 32Page - ON Semiconductor CS5305 Datasheet HTML 33Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
CS5305
http://onsemi.com
31
Figure 49.
VOUT+ sense
VOUT− sense
VOUT+ sense
VOUT− sense
or
2.Differential noise across the PWM comparator can be
further reduced if the VOUT+ and VOUT− sense lines
going to CSREF and GND are paralleled to minimize
loop area. VOUT+ ripple information provided to the
PWM comparator via the CSREF pin needs to be
symmetric for all three phases or poor current sharing
between phases will occur. This can be accomplished
by placing the VOUT+ and VOUT− sense locations
symmetrically with respect to the three output
inductors. See Figure 49.
3.Frequency jitter could occur if the ROSC pin (2) and
OCSET pin (1) components are not properly located.
Most layouts will have two resistors in series from
ROSC to GND. Keep these two components as close
as possible to the IC and ensure a short ground
connection to the IC GND. Provision for a small cap
(1000 pF or less) from ROSC to GND can be placed
although this is rarely needed. If the ROSC capacitor
value is too large, the ROSC voltage reference will
oscillate.
4.The VCC (23) bypass capacitor (0.1 μF or greater)
should be located as close as possible to the IC. This
capacitor’s connection to GND must be as short as
possible. The most effective way to implement this
tight component placement is to via the GATE1, 2, 3
and DRVON runs to internal layers right at the IC
pins.
5.The switch nodes of all three phases must be sensed for
inductive current sensing. Care should be given to
how this information is brought to the CS5305.
Switch node voltages should not be routed
underneath or near the IC; however, the resistors in
the RC filter of CS1, 2, 3 must be reasonably close to
their associated capacitors so noise pick−up on the
CS1, 2, 3 pins is minimized. The best solution is to
locate the RC filter capacitors close to the CS1, 2, 3
pins and to place the respective resistors off to the side
of the IC.
6.A positive temperature coefficient thermistor can be
used for R11 (see Share Bus section) to compensate
for thermal variation in the inductor ESR. This
component should be placed near the one of the
inductors to achieve the best thermal coupling, and so
the best current sharing performance. Remote
placement with respect to the IC requires dedicated
parallel runs of GND and IFB to reduce share bus
noise sensitivity.
Thermal Considerations
Typically, the controller IC and the FET gate drivers do
not dissipate significant amounts of power, and do not
contribute greatly to module power dissipation. The main
components of concern are the switch FETs and the
inductors.
We have already reviewed the power calculations for
these components, but we haven’t related them to a thermal
solution. Standards exist limiting the maximum VRM
printed circuit board temperature (105°C is common), and
thus power dissipation becomes a thermal consideration in
addition to playing a part in overall module efficiency.
Power dissipation on the VRM results in heat radiation
to the surrounding air. Power dissipated by the components
is conducted to the PCB. The PCB acts as a heat sink and
provides a larger surface area for heat exchange to the
surrounding air. The PCB temperature is dependent on total
PCB power dissipation, the surface area of the PCB
available to act as a heat sink, the ambient temperature of
the surrounding air and the thermal resistance to ambient of
the PCB.
While it is possible to model power dissipation on the PCB
for efficiency purposes, it is very difficult to accurately
model thermal performance. In particular, thermal
resistance to ambient of the PCB varies widely. This
parameter depends on many factors: board shape, size and
material; copper weight; amount of exposed copper;
insulating characteristics of the solder mask layers; air flow
properties (amount, direction, PCB orientation to the
airflow); and even whether a particular component is
“hidden” behind others. In reality, modeling PCB resistance
to ambient is highly complex and the best way to guarantee
thermal performance is to actually build prototypes and
measure it directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com