Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 25 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 21Page - ON Semiconductor CS5305 Datasheet HTML 22Page - ON Semiconductor CS5305 Datasheet HTML 23Page - ON Semiconductor CS5305 Datasheet HTML 24Page - ON Semiconductor CS5305 Datasheet HTML 25Page - ON Semiconductor CS5305 Datasheet HTML 26Page - ON Semiconductor CS5305 Datasheet HTML 27Page - ON Semiconductor CS5305 Datasheet HTML 28Page - ON Semiconductor CS5305 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
CS5305
http://onsemi.com
25
Figure 42.
No Load Cursor Marker
Full Load Cursor Marker
Trace 1: Optimal
Trace 2: CFB too large
Trace 3: CFB too small
Trace 4: CDRCMP too large, CCOMP too small
Trace 5: CDRCMP too small, CCOMP too large
Using the transient test tool, set up a current load step from
low current (1 A) to maximum load at the slew rate being
designed for. Set the current step at about 100 Hz with a duty
cycle of 10%. Converter response should be similar to that
shown in Figure 42.
Next, determine if there is a “bump” (trace 4 or trace 5) in
the output. Adjust CCOMP and CDRCMP to flatten out this
bump. If the “bump” is negative (trace 5), make CDRCMP
slightly larger and CCOMP slightly smaller. If you see a
positive “bump” (trace 4), make CDRCMP slightly smaller
and CCOMP slightly larger. If performance is better without
CDRCMP, just make C1 larger.
Once the bump is removed, look to see if the “pulse step”
magnitude is larger or smaller than the DC level (trace 2 or
trace 3). Make CFB slightly larger if the AC gain (trace 3) is
too large or slightly smaller if the AC gain (trace 2) is too
small. Once the output response resembles the “optimal”
trace (trace 1), the controller has been optimized for the
design from a static and dynamic response.
If the output appears to be jittering slightly prior to
optimizing transient response, make the previous
adjustments first, since they may solve the problem. If the
problem persists, decreasing the value of Rcsx across the
inductor will increase ramp amplitude, and jitter
performance should improve with increased ramp.
The second method uses a capacitor to “square up” the
COMP waveform and a series resistor and capacitor to tune
the VDRP waveform. These components are chosen
empirically based on observations of COMP and VDRP
performance.
First, set the test tool for a load current transient from no
load (1 A) to full load and observe the COMP waveform.
The COMP waveform should ideally be flat, or at worst
decrease slightly during a current increase transient. The
principle at work here is that the increase in current sense
information will generate a voltage that should exactly
cancel the droop voltage, and thus the COMP capacitor
voltage should not change. In reality, it is unlikely that every
manufactured module can be built to perfectly compensate
the droop voltage, and so the COMP voltage should exhibit
a small amplitude square wave during transient conditions.
If the COMP voltage is decreasing gradually, the current
sense information is too small to fully compensate for the
droop voltage, and the designer should add a capacitor
between VOUT and COMP. This capacitor is chosen
empirically, with 1 nF a good starting point. This capacitor
will pull the COMP pin down initially and “square up” the
COMP waveform as shown in Figure 43.
Figure 43.
Current Transient
COMP Ideal Waveform
COMP Uncorrected
Waveform
VOUT Uncorrected
Waveform
COMP Corrected
Waveform
VOUT Corrected
Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com