Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 30 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 25Page - ON Semiconductor CS5305 Datasheet HTML 26Page - ON Semiconductor CS5305 Datasheet HTML 27Page - ON Semiconductor CS5305 Datasheet HTML 28Page - ON Semiconductor CS5305 Datasheet HTML 29Page - ON Semiconductor CS5305 Datasheet HTML 30Page - ON Semiconductor CS5305 Datasheet HTML 31Page - ON Semiconductor CS5305 Datasheet HTML 32Page - ON Semiconductor CS5305 Datasheet HTML 33Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
CS5305
http://onsemi.com
30
External FET Driver
The CS5305 is designed such that an external FET driver
IC is required. The GATE pin outputs are designed to drive
a 100 pF load, and do not have sufficient drive capability to
directly drive the gates of switch FETs. The GATE outputs
have a typical output high voltage of 2.5 V, so the turn−on
threshold of the FET driver should be approximately 2 V.
The GATE outputs are also phased such that the FET driver
IC should turn on the topside n−channel FET when the
GATE output goes high. The bottom−side n−channel FET
should be on when the GATE output is below the FET driver
IC turn−on threshold.
Additionally, the CS5305 provides a signal called
DRVON that can be connected to the ENABLE pin of FET
drivers that offer an enable feature. If the FET driver’s
ENABLE input is high, the FET driver output is determined
by the GATE input, and the switch FETs are driven
according to the conditions described above. If the FET
driver’s ENABLE input is low, all switch FETs are turned
off and no current is conducted to the load. This DRVON
signal is a logic output from the CS5305. DRVON goes high
when all internal functions of the CS5305 are operating
correctly and the IC is not in fault mode. A table of the
DRVON logic may be found in the Theory of Operation
section.
Choosing a FET driver IC with an enable feature
significantly improves system reliability, since a faulty
module is essentially disconnected from the load.
SGND Resistor
The module−to−load interface and the number of modules
placed in parallel determine the value of RSGND. The
CS5305 is specified to operate correctly with up to 55 mV
dropped across the module connector. It is assumed that the
maximum current allowed to flow in this connection to the
load is 1 mA.
RSGND + 55 mV (1 mA N)
where:
N = the number of VRM modules to be paralleled.
If four modules are to be paralleled, each contributes a
maximum of 250 μA to this connection, and so,
RSGND + 55 mV 250 mA + 220 W
This component is placed to ensure the VRM module will
regulate correctly if the module VOUT(SENSE)− connection
to the load is opened.
Layout Considerations
Enhanced V2 performs best under dynamic load
conditions if current ramp is kept small. However, this may
lead to pulse−width jitter or pulse skipping, particularly as
the ambient noise level at the control circuit increases. This
is a complicated design trade−off that can not be
mathematically characterized, and it is crucial to have a
“quiet” layout. Following the design/layout guidelines
below will provide the best system performance. Refer to
Figure 50 for a layout example and to page 2 for the
associated schematic. Numbers in parentheses refer to IC
pin numbers. Component names refer to the reference
designators for the application schematic.
1.Noise across the PWM comparator inputs needs to be
low or pulse width jitter will occur. Referring to the
block diagram, the CSREF pin (7) and the COMP pin
(14) present external information to the PWM
comparator. Any differential signal across these pins
is expressed directly across the PWM comparator,
which may cause pulse−width jitter or pulse skipping.
The solution is to provide a dedicated Kelvin
connection for sensing the VRM’s VOUT−. The IC’s
GND pin (28) and COMP capacitance need a
dedicated sense line to VOUT−, in effect making the IC
and COMP capacitance VOUT−ground−referenced.
This is desirable since the fast feedback path through
CSREF is connected to VOUT+ and is therefore also
VOUT−ground−referenced. Furthermore, a ground
strip under the IC is desirable since the COMP pin is
located at the opposite corner of the IC from the GND
pin. This ground strip further reduces the ambient
noise level of the CS5305 along with providing a
good connection from COMP return to GND and
VOUT−. Following this guideline will provide the
most system improvement from a layout standpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com