Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 19 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 15Page - ON Semiconductor CS5305 Datasheet HTML 16Page - ON Semiconductor CS5305 Datasheet HTML 17Page - ON Semiconductor CS5305 Datasheet HTML 18Page - ON Semiconductor CS5305 Datasheet HTML 19Page - ON Semiconductor CS5305 Datasheet HTML 20Page - ON Semiconductor CS5305 Datasheet HTML 21Page - ON Semiconductor CS5305 Datasheet HTML 22Page - ON Semiconductor CS5305 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
CS5305
http://onsemi.com
19
Table 1. Description of Fault Logic
Fault Modes
Stop
Switching
DRVON
Level
PWRGD
Level
SHARE
Controller
Off
COMP Pin
Characteristics
Reset Method
Under Voltage Lockout
yes
low
low via Power Good
window comparator
n/a
no
−5.0 μA
Comp < 0.2 V
VID = 11111
yes
low
low via Power Good
window comparator
n/a
no
−5.0 μA
Comp < 0.2 V
Enable Low
yes
low
low
n/a
no
−5.0 μA
Comp < 0.2 V
Module Over Current
(set by OCSET)
yes
low
low via Power Good
window comparator
> 3.8 V
no
−5.0 μA
Comp < 0.2 V
Phase Over Current
(0.33 V limit)
terminate
pulse
high
n/a
n/a
no
not affected
not affected
External Share Fault
(SHARE > 3.8 V)
yes
low
low via Power Good
window comparator
n/a
no
−2.5 mA
remove external
3.8 V from SHARE
PWRGDS out of win-
dow range
no
high
low
n/a
no
not affected
not affected
Gate Outputs
The CS5305 is designed to operate with external gate
drivers. Accordingly, the gate outputs are capable of driving
a 100 pF load with typical rise and fall time of 15 ns.
DRVON
When the CS5305 is used with DRVON−compatible gate
drivers, the ability of the system to survive a fault in a
paralleled environment is greatly increased. The DRVON
signal tells the gate drivers to shut off both FETs while
entering a fault condition. This action takes the faulted VRM
“out of the picture,” allowing the system to operate until the
bad module can be replaced.
Digital to Analog Converter (DAC)
The output voltage of the CS5305 module is set by means
of a 5−bit, 1% DAC. The DAC pins are internally pulled up
to a 3.3 V rail through a blocking diode and a set of 50 kΩ
resistors. The blocking diode allows external pull up to a
bias voltage greater than 3.3 V and less than 13 V.
The output of the DAC is described in the Electrical
Characteristics section of the datasheet. These outputs are
consistent with the latest VRM specifications. The DAC
produces an output voltage 125 mV lower than the VID code
would indicate in order to produce an accurate PWRGD
output. The relationship between the VID code and the DAC
code is described by Figure 32 shown below. The shaded
area shows the acceptable range of output voltages.
In order to produce a workable VRM using the CS5305,
the designer is expected to use AVP as described earlier to
position the output voltage above the DAC output, resulting
in an output voltage somewhere in the middle of the
acceptable range.
125 mV
VID code
DAC output
MAX VOUT
MIN VOUT
VOUT
Figure 32. VRM 9.0 Output
Voltage Accuracy Requirements
The latest VRM specifications require a module to turn its
output off in the event of a 11111 VID code. When the DAC
sees such a code, the GATE pins stop switching and go low.
The DRVON signal also goes low, which turns off all FETs
on the module if the FET driver has an enable input. This
condition is described in Table 1.
PWRGD
According to the latest VRM specifications, the PWRGD
signal is to be asserted when the output voltage is within a
window defined by the VID code, as shown in Figure 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com