Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 20 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 16Page - ON Semiconductor CS5305 Datasheet HTML 17Page - ON Semiconductor CS5305 Datasheet HTML 18Page - ON Semiconductor CS5305 Datasheet HTML 19Page - ON Semiconductor CS5305 Datasheet HTML 20Page - ON Semiconductor CS5305 Datasheet HTML 21Page - ON Semiconductor CS5305 Datasheet HTML 22Page - ON Semiconductor CS5305 Datasheet HTML 23Page - ON Semiconductor CS5305 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
CS5305
http://onsemi.com
20
PWRGD
0.975 × (VID − 125 mV)
1.975 V
VOUT
HIGH
LOW
PWRGD
−2.6% +2.6%
−5.0% +5.0%
Figure 33. PWRGD Assertion Window
low
PWRGD
low
PWRGD
high
In addition, certain fault modes must cause PWRGD to go
low to signal the system board that a VRM fault has
occurred. In that sense, the PWRGD signal operates as a
“VRM BAD” signal. These fault modes, as shown in Table 1
above, are ENABL low and CSx out of window.
When the ENABL pin is pulled low, PWRGD is pulled
low to indicate that the VRM is off. DRVON is pulled low
to turn both FETs off if the FET driver has an enable input.
The logic circuitry inside the chip sets PWRGD low only
after a delay period has been passed. A “power bad” event
does not cause PWRGD to go low unless it is sustained
through the delay time, typically 200 μs. If the anomaly
disappears before the end of the delay, the PWRGD output
will never be set low.
In order to use the PWRGD pin as specified, the user is
advised to connect external resistors as necessary to limit the
current into this pin to 4 mA or less.
Share Bus
VRM 9.x specifications require that a single−wire share
bus be provided from each module. This bus allows output
current information to be communicated between modules
such that the total load current is shared equally by each
module. The CS5305 employs a proprietary share algorithm
called direct duty cycle control. A block diagram is provided
in Figure 34.
PWM
LATCH
RESET
SET
GATEx
GATE
DRIVER
+
−
PWM
COMPARATOR
+
−
+
−
SHARE
BUS AMP
− +
30 mV
+
−
SHARE
ADJUST AMP
SHARE
CURRENT
SENSE AMP
FROM
OSCILLATOR
COMP
SCOMP
SHARE
IOUT
IFB
3.7× CURRENT
SENSE INPUT
3.3 V
VOUT + VOFFSET + 1× CURRENT SENSE INPUT
Figure 34.
Direct duty cycle control utilizes a master−slave approach
to current sharing. At any given current load, one module
will have a higher share bus voltage than the other modules.
This module acts as the master. It conveys output current
information to the other modules via the share bus. This
information is buffered and provided to the PWM
comparators, thus directly controlling duty cycle for the
slave modules.
The share current sense amplifier allows the user to
customize the share bus transconductance. Current sense
information is provided to the non−inverting input from the
3.7× current sense amplifier from each phase. This provides
a representation of the total module current. An external
resistor divider between IOUT and ground, center−tapped at
IFB programs the share bus voltage for a particular current
level.
The share bus amplifier serves as a buffer and places the
IOUT voltage on the SHARE pin. Note there is a diode in the
schematic between the share bus amplifier and the SHARE
pin. This is an “ideal” diode, and indicates that the share bus
amplifier does not have current sink capability. This allows
the share bus to be driven by the module with the highest
share bus voltage. A 30 mV offset voltage provides noise
immunity to ensure that any given module does not cycle
between master and slave in a random fashion. It also
guarantees that the master module is not driving duty cycle
from the share bus. For the master module, the IOUT and
SHARE voltages will be equal. In this case, the 30 mV offset
holds the share adjust amplifier inactive, and the PWM
channel is controlled in the normal manner. The offset
voltage results in a current error between the master and
slave modules, but this error is small compared to the current
share tolerance found in the VRM 9.x specifications.
The share adjust amplifier takes the share bus voltage and
directly drives the PWM comparators of all slave modules
as previously described. The SCOMP pin provides a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com