Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 12Page - ON Semiconductor CS5305 Datasheet HTML 13Page - ON Semiconductor CS5305 Datasheet HTML 14Page - ON Semiconductor CS5305 Datasheet HTML 15Page - ON Semiconductor CS5305 Datasheet HTML 16Page - ON Semiconductor CS5305 Datasheet HTML 17Page - ON Semiconductor CS5305 Datasheet HTML 18Page - ON Semiconductor CS5305 Datasheet HTML 19Page - ON Semiconductor CS5305 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
CS5305
http://onsemi.com
16
APPLICATIONS INFORMATION
THEORY OF OPERATION
Fixed Frequency Multi−phase Control
Multi−phase CPU controllers include the necessary control
circuitry to implement several buck converters in parallel.
These converters are configured to turn on at different times.
This allows much higher output current than could be
provided by a single converter. The apparent ripple frequency
is increased and so output current can ramp up or down faster
than a single converter with the same value of output
inductor. Heat is also spread among multiple components.
The CS5305 uses a fixed frequency, Enhanced V2
architecture. Each phase is delayed by approximately 120°
from the previous phase. The GATE output for each channel
changes to a logic high at the beginning of its oscillator cycle.
Inductor current ramps up until the combination of the current
sense signal and the output ripple trip the PWM comparator,
at which time the GATE output changes to a logic low. Once
low, the GATE output remains low until the next oscillator
cycle begins, and the control loop will not respond until that
time. The Enhanced V2 control loop will respond to line and
load transients while the GATE output is high. Enhanced V2
control will respond within the off time of the converter.
PWM
COMP
+
−
OFFSET
CS AMP
+
−
ERROR
AMP
−
+
CSx
CSREF
COMP
VFB
RCSx
CCSx
CCOMP
L
ESRL
SWITCH
VOUT
NODE
Figure 27.
The Enhanced V2 architecture measures and adjusts
current in each phase. An additional input (CSx pin)
provides current information for each output phase to the
control loop as shown in Figure 27. Inductor current is
measured across capacitor Ccsx. The voltage across this
capacitor is equal to the product of the output current and the
inductor ESR if these components are chosen such that
(Ccsx)(Rcsx) = (L)/ESRL. This signal is buffered by the
current sense amplifier (unity gain in the CS5305) and
summed with an offset voltage before it is presented as input
to non−inverting input of the PWM comparator. Inductor
current provides the PWM ramp. As inductor current
increases, the voltage at the positive input to the PWM
comparator rises and terminates the PWM cycle. If the
inductor starts the next cycle with higher current, the PWM
cycle terminates earlier, thus providing negative feedback.
A CSx input is provided for each channel, but the CSREF,
VFB and COMP inputs are common to all phases. Current
sharing between phases is accomplished by referencing all
phases to the same error amplifier. Any phase with a larger
current signal will turn off earlier than the channels with a
lower current signal.
Including both current and voltage information in the
feedback signal allows the open loop output impedance of the
power stage to be controlled. In the absence of any load
current, the COMP pin voltage will be equal to the sum of the
output voltage, the offset voltage and half of the steady−state
ramp voltage. (At no load, the output ripple current’s positive
and negative contributions are equal, and the DC averaged
voltage is equal to half the ripple voltage.) If the COMP pin
is held steady and the inductor current is forced to change, the
output voltage will also change. In a closed−loop situation,
changing the inductor current will force the COMP voltage to
change so the output voltage can remain the same. The change
in COMP voltage depends on the scaling of the current
feedback signal, and can be defined as:
DVCOMP + (ESRL)(Current Sense Gain)(DIPHASE)
Since the current sense gain for this loop is unity, this
equation reduces to:
DVCOMP + (ESRL)(DIPHASE)
and so the single−phase power stage output impedance is:
DVCOMP DIPHASE + ESRL
The CS5305 has three phases, so the total power stage
output impedance is then ESRL/3.
Lossless Inductive Current Sensing
Current can be sensed across the inductor as shown in
Figure 27. The output inductor is designated L and the
inductor’s equivalent series resistance is designated ESRL.
In the ideal case, the values of Rcsx and Ccsx are chosen
such that (L/ESRL) = (Rcsx)(Ccsx). If this criterion is met,
the current sense signal will have the same shape as the
inductor current, and the circuit can be analyzed as if a sense
resistor with value equal to ESRL was placed in series with
the inductor. However, these components also determine the
ramp signal that is used to prevent pulse skipping and duty
cycle jitter. Choosing (Rcsx)(Ccsx) < (L/ESRL) will result
in the AC portion of the current sense signal being scaled
more than the DC portion. This results in a larger ramp
signal, but the current signal will overshoot during
transients. This will affect transient response, adaptive
voltage positioning and current limit. The COMP pin
voltage will overshoot along with the current signal in order
to maintain the output voltage. The COMP voltage will
eventually find the correct level for regulation, but the error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com