Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5305 Datasheet HTML 1Page - ON Semiconductor CS5305 Datasheet HTML 2Page - ON Semiconductor CS5305 Datasheet HTML 3Page - ON Semiconductor CS5305 Datasheet HTML 4Page - ON Semiconductor CS5305 Datasheet HTML 5Page - ON Semiconductor CS5305 Datasheet HTML 6Page - ON Semiconductor CS5305 Datasheet HTML 7Page - ON Semiconductor CS5305 Datasheet HTML 8Page - ON Semiconductor CS5305 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
CS5305
http://onsemi.com
3
12 V
ENABLE
VID0
VID1
VID2
VID3
VID4
VOUT SENSE
VOUT
GND
GND SENSE
POWERGOOD
SHARE
12 V
ENABLE
VID0
VID1
VID2
VID3
VID4
VOUT SENSE
VOUT
GND
GND SENSE
POWERGOOD
SHARE
ENABLE
VID0
VID1
VID2
VID3
VID4
12 V
5.0 V
GND
VOUT
POWERGOOD
1.5 k
Inductors & Resistors
represent distribution
impedances.
*
Figure 2. Two−Converter System with Sharing
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Storage Temperature Range
−65 to 150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Thermal Resistance, Junction−to−Case, RθJC
15
°C/W
Thermal Resistance, Junction−to−Ambient, RθJA
75
°C/W
JEDEC Moisture Sensitivity
Level 5
−
Lead Temperature Soldering:
Reflow: (SMD styles only) Note 1.
230 peak
°C
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Number
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
1
OCSET
7.0 V
−0.3 V
1.0 mA
1.0 mA
2
ROSC
7.0 V
−0.3 V
1.0 mA
1.0 mA
3
ENABL
16 V
−0.3 V
1.0 mA
1.0 mA
4−6
CS1−3
7.0 V
−0.3 V
1.0 mA
1.0 mA
7
CSREF
7.0 V
−0.3 V
1.0 mA
1.0 mA
8
IFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
9
IOUT
7.0 V
−0.3 V
10 mA
10 mA
10
SHARE
16 V
−0.3 V
50 mA
1.0 mA
11
SCOMP
7.0 V
−0.3 V
1.0 mA
1.0 mA
12
VDRP
7.0 V
−0.3 V
1.0 mA
1.0 mA
13
VFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
14
COMP
7.0 V
−0.3 V
10 mA
1.0 mA
15
PWRGD
16 V
−0.3 V
1.0 mA
20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com