Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5305 Datasheet(PDF) 14 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 10Page - ON Semiconductor CS5305 Datasheet HTML 11Page - ON Semiconductor CS5305 Datasheet HTML 12Page - ON Semiconductor CS5305 Datasheet HTML 13Page - ON Semiconductor CS5305 Datasheet HTML 14Page - ON Semiconductor CS5305 Datasheet HTML 15Page - ON Semiconductor CS5305 Datasheet HTML 16Page - ON Semiconductor CS5305 Datasheet HTML 17Page - ON Semiconductor CS5305 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
CS5305
http://onsemi.com
14
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 16. Current Sense Amplifier Gain vs.
Temperature
Figure 17. VFB Bias Current vs. Temperature for
ROSC = 32.4 kW
Figure 18. VDRP Source Current vs. Temperature
Figure 19. VDRP to DAC Output Offset Voltage vs.
Temperature
Figure 20. SHARE Bus Voltages vs. Temperature
Figure 21. IOUT Output Current vs. Temperature
0
1.0
Temperature (°C)
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
Current Sense Amp to VDRP Gain
Current Sense Amp to OSCETGain
Current Sense Amp to PWM Comparator Gain
0
10.55
Temperature (°C)
10.60
10.65
10.70
10.75
10.80
10.85
10.90
25
50
75
100
125
V(VFB) = 1.9 V
V(VFB) = 1.0 V
0
6.0
Temperature (°C)
6.5
7.0
7.5
8.0
8.5
25
50
75
100
125
0
0.8
Temperature (°C)
1.0
1.2
1.4
1.6
25
50
75
100
125
0
1.5
Temperature (°C)
2.0
2.5
3.0
3.5
4.0
4.5
25
50
75
100
125
SHARE Fault Output Voltage
SHARE Fault Threshold
SHARE Max Output Voltage
SHARE OK Threshold
SHARE Full Load Accuracy
0
13.0
Temperature (°C)
13.5
14.0
14.5
15.0
15.5
16.0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com