Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor CS5308 Datasheet HTML 10Page - ON Semiconductor CS5308 Datasheet HTML 11Page - ON Semiconductor CS5308 Datasheet HTML 12Page - ON Semiconductor CS5308 Datasheet HTML 13Page - ON Semiconductor CS5308 Datasheet HTML 14Page - ON Semiconductor CS5308 Datasheet HTML 15Page - ON Semiconductor CS5308 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
CS5308
http://onsemi.com
12
Figure 9. Enhanced V2 Control Employing Resistive Current Sensing and Additional Internal Ramp
+
SWNODE
Ln
RLn
RSn
CSn
CSA
COn
CSREF
+
VOUT
(VCORE)
“Fast−Feedback”
Connection
+
PWM
COMP
To F/F
Reset
Channel
Start−Up
Offset
+
E.A.
DAC
Out
VFB
COMP
Internal Ramp
+
n = 1 or 2
− +
Enhanced V2 responds to disturbances in VCORE by
employing both “slow” and “fast” voltage regulation. The
internal error amplifier performs the slow regulation.
Depending on the gain and frequency compensation set by
the amplifier’s external components, the error amplifier will
typically begin to ramp its output to react to changes in the
output voltage in 1−2 PWM cycles. Fast voltage feedback is
implemented by a direct connection from VCORE to the
non−inverting pin of the PWM comparator via the
summation with the inductor current, internal ramp, and
OFFSET. A rapid increase in load current will produce a
negative offset at VCORE and at the output of the summer.
This will cause the PWM duty cycle to increase almost
instantly. Fast feedback will typically adjust the PWM
duty−cycle in one PWM cycle.
As shown in Figure 9, a “partial” internal ramp (nominally
125 mV at a 50% duty cycle) is added to the inductor current
ramp at the positive terminal of the PWM comparator. This
additional ramp compensates for propagation time delays
from the current sense amplifier (CSA), the PWM
comparator, and the MOSFET gate drivers. As a result, the
minimum ON time of the controller is reduced and lower
duty cycles may be achieved at higher frequencies. Also, the
additional ramp reduces the reliance on the inductor current
ramp and allows greater flexibility when choosing the
output inductor and the RCSnCCSn (n = 1 or 2) time constant
of the feedback components from VCORE to the CSn pin.
Including both current and voltage information in the
feedback signal allows the open loop output impedance of
the power stage to be controlled. When the average output
current is zero, the COMP pin will be:
VCOMP + VOUT @0 A ) Channel_Startup_Offset
) Int_Ramp ) GCSA @ Ext_Ramp 2
Int_Ramp is the “partial” internal ramp value at the
corresponding duty cycle, Ext_Ramp is the peak−to−peak
external steady−state ramp at 0 A, GCSA is the Current Sense
Amplifier Gain (nominally 3.5 V/V), and the Channel
Startup Offset is typically 0.40 V. The magnitude of the
Ext_Ramp can be calculated from:
Ext_Ramp + D @ (VIN * VOUT) (RCSn @ CCSn @ fSW)
For example, if VOUT at 0 A is set to 1.745 V with AVP and
the input voltage is 5.0 V, the duty cycle (D) will be 1.745/5.0
or 35%. Int_Ramp will be 125 mV • 35/50 = 87.5 mV.
Realistic values for RCSn, CCSn and fSW are 60 kW, 0.01 mF,
and 300 kHz
- using these Ext_Ramp will be 6.3 mV.
VCOMP + 1.745 V ) 0.40 V ) 87.5 mV
) 3.5 V V @ 6.3 mV 2
+ 2.244 Vdc.
If the COMP pin is held steady and the inductor current
changes, there must also be a change in the output voltage.
Or, in a closed loop configuration when the output current
changes, the COMP pin must move to keep the same output
voltage. The required change in the output voltage or COMP
pin depends on the scaling of the current feedback signal and
is calculated as:
DV + RS @ GCSA @ DIOUT.
The single−phase power stage output impedance is:
Single Stage Impedance + DVOUT DIOUT+RS @ GCSA
The multi−phase power stage output impedance is the
single−phase output impedance divided by the number of
phases. The output impedance of the power stage determines
how the converter will respond during the first few
microseconds of a transient before the feedback loop has
repositioned the COMP pin.
The peak output current can be calculated from:
IOUT,PEAK + (VCOMP * VOUT * Offset) (RS @ GCSA)
Figure 10 shows the step response of the COMP pin at a
fixed level. Before T1 the converter is in normal steady state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com