Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 14 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 10Page - ON Semiconductor CS5308 Datasheet HTML 11Page - ON Semiconductor CS5308 Datasheet HTML 12Page - ON Semiconductor CS5308 Datasheet HTML 13Page - ON Semiconductor CS5308 Datasheet HTML 14Page - ON Semiconductor CS5308 Datasheet HTML 15Page - ON Semiconductor CS5308 Datasheet HTML 16Page - ON Semiconductor CS5308 Datasheet HTML 17Page - ON Semiconductor CS5308 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
CS5308
http://onsemi.com
14
Current Sense Amplifier (CSA) input mismatch and the
value of the current sense component will determine the
accuracy of the current sharing between phases. The worst
case Current Sense Amplifier input mismatch is ±5.0 mV
and will typically be within 3.0 mV. The difference in peak
currents between phases will be the CSA input mismatch
divided by the current sense resistance. If all current sense
components are of equal resistance a 3.0 mV mismatch with
a 2.0 m
W sense resistance will produce a 1.5 A difference in
current between phases.
External Ramp Size and Current Sensing
The internal ramp allows flexibility of current sense time
constant. Typically, the current sense RCSnCCSn time
constant (n = 1 or 2) should be equal to or slower than the
inductor’s time constant. If RC is chosen to be smaller
(faster) than L/RL, the AC or transient portion of the current
sensing signal will be scaled larger than the DC portion. This
will provide a larger steady state ramp, but circuit
performance will be affected and must be evaluated
carefully. The current signal will overshoot during transients
and settle at the rate determined by RCSn • CCSn. It will
eventually settle to the correct DC level, but the error will
decay with the time constant of RCSn • CCSn. If this error is
excessive it will effect transient response, adaptive
positioning and current limit. During a positive current
transient, the COMP pin will be required to overshoot in
response to the current signal in order to maintain the output
voltage. Similarly, the VDRP signal will overshoot which
will produce too much transient droop in the output voltage.
Single phase overcurrent will trip earlier than it would if
compensated correctly and hiccup mode current limit will
have a lower threshold for fast rise step loads than for slowly
rising output currents.
The waveforms in Figure 12 show a simulation of the
current sense signal and the actual inductor current during
a positive step in load current with values of L = 500 nH,
RL = 1.6 mW, RCSn = 20 k and CCSn = 0.01 mF. For ideal
current signal compensation the value of RCSn should be 31
k
W. Due to the faster than ideal RC time constant there is an
overshoot of 50% and the overshoot decays with a 200
ms
time constant. With this compensation the ILIM pin threshold
must be set more than 50% above the full load current to
avoid triggering hiccup mode during a large output load
step.
Figure 12. Inductive Sensing Waveform During a
Load Step with Fast RC Time Constant (50 ms/div)
Current Limit
Two levels of over−current protection are provided. First,
if the voltage on the Current Sense pins (either CS1 or CS2)
exceeds CSREF by more than a fixed threshold (Single Pulse
Current Limit), the PWM comparator is turned off. This
provides fast peak current protection for individual phases.
Second, the individual phase currents are summed and
low−pass filtered to compare an averaged current signal to
a user adjustable voltage on the ILIM pin. If the ILIM voltage
is exceeded, the fault latch trips and the Soft Start capacitor
is discharged until the COMP pin reaches 0.27 V. Then Soft
Start begins. The converter will continue to operate in a low
current hiccup mode until the fault condition is corrected.
Overvoltage Protection
Overvoltage protection (OVP) is provided as a result of
the normal operation of the Enhanced V2 control topology
with synchronous rectifiers. The control loop responds to an
overvoltage condition within 400 ns, causing the top
MOSFET to shut OFF and the synchronous (lower)
MOSFET to turn ON. This results in a “crowbar” action to
clamp the output voltage and prevent damage to the load.
The regulator will remain in this state until the overvoltage
condition ceases or the input voltage is pulled low.
Transient Response and Adaptive Positioning
For applications with fast transient currents the output
filter is frequently sized larger than ripple currents require in
order to reduce voltage excursions during load transients.
Adaptive voltage positioning can reduce peak−peak output
voltage deviations during load transients and allow for a
smaller output filter. The output voltage can be set higher
than nominal at light loads to reduce output voltage sag
when the load current is applied. Similarly, the output
voltage can be set lower than nominal during heavy loads to
reduce overshoot when the load current is removed. For low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com