Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 30 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 23Page - ON Semiconductor CS5308 Datasheet HTML 24Page - ON Semiconductor CS5308 Datasheet HTML 25Page - ON Semiconductor CS5308 Datasheet HTML 26Page - ON Semiconductor CS5308 Datasheet HTML 27Page - ON Semiconductor CS5308 Datasheet HTML 28Page - ON Semiconductor CS5308 Datasheet HTML 29Page - ON Semiconductor CS5308 Datasheet HTML 30Page - ON Semiconductor CS5308 Datasheet HTML 31Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
CS5308
http://onsemi.com
30
12. Soft Start Time
To set the Soft Start time we first approximate the COMP
voltage at a duty−cycle of D = 1.745 V/5 V = 0.349:
VCOMP + VOUT @0 A ) Channel_Startup_Offset
) Int_Ramp
+ 1.745 V ) 0.40 V ) 250 mV @ 0.349
+ 2.232 V
We then choose a convenient value for RCMP1 (5.62 kW)
and solve Equation 37 for CCMP2:
CCMP2 + TSS @
ICOMP
(VCOMP * RCMP1 @ ICOMP)
+ 6.5 ms @
30 mA
(2.232 V * 5.62 kW @ 30 mA)
+ 0.0945 mFor0.1 mF
Figure 28. Timing Diagram, VTT Power Good
VTT
VTT POWER GOOD
COMP/VCC CORE
POWER GOOD
1−5 ms
50 ms
COMP Must Be < 0.27 V
Before Powering Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com