Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 13Page - ON Semiconductor CS5308 Datasheet HTML 14Page - ON Semiconductor CS5308 Datasheet HTML 15Page - ON Semiconductor CS5308 Datasheet HTML 16Page - ON Semiconductor CS5308 Datasheet HTML 17Page - ON Semiconductor CS5308 Datasheet HTML 18Page - ON Semiconductor CS5308 Datasheet HTML 19Page - ON Semiconductor CS5308 Datasheet HTML 20Page - ON Semiconductor CS5308 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
CS5308
http://onsemi.com
17
9. Place the output capacitors (electrolytic and
ceramic) close to the processor socket or output
connector.
10. The trace from the SWNODEs to the current sense
components will be very noisy. Route this away
from more sensitive, low−level traces. The Ground
layer can be used to help isolate this trace.
11. The Gate traces are very noisy. Route these away
from more sensitive, low−level traces. Keep each
Gate signal on one layer and insure that there is an
uninterrupted return path directly below the Gate
trace. The Ground layer can be used to help isolate
these traces.
12. Don’t “daisy chain” connections to Ground from
one via. Allow each connection to Ground to have
its own via as close to the component as possible.
13. Use a slot in the ground plane from the bulk output
capacitors back to the input power connector to
prevent high currents from flowing beneath the
control IC. This slot should extend length−wise
under the control IC and separate the connections
to “signal ground” and “power ground.” Examples
of signal ground include the capacitors at COMP,
CSREF, REF, and VTTCT, the resistors at ROSC and
ILIM, and the LGND pin to the controller. Examples
of power ground include the capacitors to VCCH1,
VCCH2 and VCCL12, the Source of the synchronous
MOSFETs, and the PGND pin to the controller.
14. The CSREF sense point should be equidistant
between the output inductors to equalize the PCB
resistance added to the current sense paths. This
will insure acceptable current sharing. Also, route
the CSREF connection away from noisy traces such
as the SWNODEs and GATE traces. If noise from
the SWNODEs or GATE signals capacitively
couples to the CSREF trace the external ramps will
be very noise and voltage jitter will result.
15. Ideally, the SWNODEs are exactly the same shape
and the current sense points (connections to RCS1
and RCS2) are made at identical locations to equalize
the PCB resistance added to the current sense paths.
This will help to insure acceptable current sharing.
16. Place the 0.1
mF ceramic capacitors, CQ1 and CQ2,
close to the drains of the MOSFETs Q1 and Q2,
respectively.
Design Procedure
1. Output Capacitor Selection
The output capacitors filter the current from the output
inductor and provide a low impedance for transient load
current changes. Typically, microprocessor applications
will require both bulk (electrolytic, tantalum) and low
impedance, high frequency (ceramic) types of capacitors.
The bulk capacitors provide “hold up” during transient
loading. The low impedance capacitors reduce steady−state
ripple and bypass the bulk capacitance when the output
current changes very quickly. The microprocessor
manufacturers usually specify a minimum number of
ceramic capacitors. The designer must determine the
number of bulk capacitors.
Choose the number of bulk output capacitors to meet the
peak transient requirements. The formula below can be used
to provide a starting point for the minimum number of bulk
capacitors (NOUT,MIN):
NOUT,MIN + ESR per capacitor @
DIO,MAX
DVO,MAX
(1)
In reality, both the ESR and ESL of the bulk capacitors
determine the voltage change during a load transient
according to:
DVO,MAX + (DIO,MAX Dt) @ ESL ) DIO,MAX @ ESR (2)
Unfortunately, capacitor manufacturers do not specify the
ESL of their components and the inductance added by the
PCB traces is highly dependent on the layout and routing.
Therefore, it is necessary to start a design with slightly more
than the minimum number of bulk capacitors and perform
transient testing or careful modeling/simulation to
determine the final number of bulk capacitors.
2. Output Inductor Selection
The output inductor may be the most critical component
in the converter because it will directly effect the choice of
other components and dictate both the steady−state and
transient performance of the converter. When selecting an
inductor the designer must consider factors such as DC
current, peak current, output voltage ripple, core material,
magnetic saturation, temperature, physical size, and cost
(usually the primary concern).
In general, the output inductance value should be as low
and physically small as possible to provide the best transient
response and minimum cost. If a large inductance value is
used, the converter will not respond quickly to rapid changes
in the load current. On the other hand, too low an inductance
value will result in very large ripple currents in the power
components (MOSFETs, capacitors, etc.) resulting in
increased dissipation and lower converter efficiency. Also,
increased ripple currents will force the designer to use
higher rated MOSFETs, oversize the thermal solution, and
use more, higher rated input and output capacitors − the
converter cost will be adversely effected.
One method of calculating an output inductor value is to
size the inductor to produce a specified maximum ripple
current in the inductor. Lower ripple currents will result in
less core and MOSFET losses and higher converter
efficiency. Equation 3 may be used to calculate the
minimum inductor value to produce a given maximum
ripple current (
a) per phase. The inductor value calculated
by this equation is a minimum because values less than this
will produce more ripple current than desired. Conversely,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com