Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 22 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 18Page - ON Semiconductor CS5308 Datasheet HTML 19Page - ON Semiconductor CS5308 Datasheet HTML 20Page - ON Semiconductor CS5308 Datasheet HTML 21Page - ON Semiconductor CS5308 Datasheet HTML 22Page - ON Semiconductor CS5308 Datasheet HTML 23Page - ON Semiconductor CS5308 Datasheet HTML 24Page - ON Semiconductor CS5308 Datasheet HTML 25Page - ON Semiconductor CS5308 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
CS5308
http://onsemi.com
22
much heatsink area as possible − all too often new designs
are found to be too hot and require re−design to add
heatsinking.
6. Adaptive Voltage Positioning
There are two resistors that determine the Adaptive
Voltage Positioning: RVFBK and RDRP. RVFBK establishes
the no−load “high” voltage position and RDRP determines
the full−load “droop” voltage.
Resistor RVFBK is connected between VCORE and the VFB
pin of the controller. At no load, this resistor will conduct the
internal bias current of the VFB pin and develop a voltage
drop from VCORE to the VFB pin. Because the error amplifier
regulates VFB to the DAC setting, the output voltage,
VCORE, will be higher by the amount IBIASVFB • RVFBK.
This condition is shown in Figure 17.
To calculate RVFBK the designer must specify the no−load
voltage increase above the VID setting (
DVNO−LOAD) and
determine the VFB bias current. Usually, the no−load voltage
increase is specified in the design guide for the processor
that is available from the manufacturer. The VFB bias current
is determined by the value of the resistor from ROSC to
ground (see Figure in the data sheet for a graph of IBIASVFB
versus R_OSC). The value of RVFBK can then be calculated:
RVFBK + DVNO−LOAD IBIASVFB
(29)
Resistor RDRP is connected between the VDRP and the
VFB pins. At no−load, the VDRP and the VFB pins will both
be at the DAC voltage so this resistor will conduct zero
current. However, at full−load, the voltage at the VDRP pin
will increase proportional to the output inductor’s current
while VFB will still be regulated to the DAC voltage. Current
will be conducted from VDRP to VFB by RDRP. This current
will be large enough to supply the VFB bias current and cause
a voltage drop from VFB to VCORE across RFBK − the
converter’s output voltage will be reduced. This condition is
shown in Figure 18.
+
−
w
RCS1
CS1
CCS1
L1
IMAX/2
GVDRP
+
−
RCS2
CS2
CCS2
L2
IMAX/2
GVDRP
CSREF
COMP
Error
Amp
VID Setting
IBIASVFB
RDRP
RVFBK
VDRP = VID +
IMAX • RL • GVDRP
VFB = VID
VCORE
IDRP
IFBK
VCORE = VID − (IDRP − IBIASVFB) w RVFBK
Figure 18. AVP Circuitry at Full−Load
IDRP = IMAX • RL • GVDRP/RDRP
IFBK = IDRP − IBIASVFB
= VID − IMAX w RL w GVDRP w RFBK/RDRP + IBIASVFB w RFBK
+ −
To determine the value of RDRP the designer must specify
the full−load voltage reduction from the VID (DAC) setting
(
DVOUT,FULL−LOAD) and predict the voltage increase at the
VDRP pin at full−load. Usually, the full−load voltage
reduction is specified in the design guide for the processor
that is available from the manufacturer. To predict the
voltage increase at the VDRP pin at full−load (DVDRP), the
designer must consider the output inductor’s resistance
(RL), the PCB trace resistance between the current sense
points (RPCB), and the controller IC’s gain from the current
sense to the VDRP pin (GVDRP):
DVDRP + IO,MAX @ (RL ) RPCB) @ GVDRP (30)
The value of RDRP can then be calculated:
RDRP +
DVDRP
(IBIASVFB ) DVOUT,FULL−LOAD RVFBK)
(31)
DVOUT,FULL−LOAD is the full−load voltage reduction
from the VID (DAC) setting.
DVOUT,FULL−LOAD is not the
voltage change from the no−load AVP setting.
7. Current Sensing
For inductive current sensing, choose the current sense
network (RCSn, CCSn, n = 1 or 2) to satisfy
RCSn @ CCSn + Lo (RL ) RPCB)
(32)
For resistive current sensing, choose the current sense
network (RCSn, CCSn, n = 1 or 2) to satisfy
RCSn @ CCSn + Lo (Rsense)
(33)
This will provide an adequate starting point for RCSn and
CCSn. After the converter is constructed, the value of RCSn
(and/or CCSn) should be fine−tuned in the lab by observing
the VDRP signal during a step change in load current. Tune



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com