Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 18 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 14Page - ON Semiconductor CS5308 Datasheet HTML 15Page - ON Semiconductor CS5308 Datasheet HTML 16Page - ON Semiconductor CS5308 Datasheet HTML 17Page - ON Semiconductor CS5308 Datasheet HTML 18Page - ON Semiconductor CS5308 Datasheet HTML 19Page - ON Semiconductor CS5308 Datasheet HTML 20Page - ON Semiconductor CS5308 Datasheet HTML 21Page - ON Semiconductor CS5308 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
CS5308
http://onsemi.com
18
higher inductor values will result in less than the maximum
ripple current.
LoMIN +
(VIN * VOUT) @ VOUT
(a @ IO,MAX @ VIN @ fSW)
(3)
a is the ripple current as a percentage of the maximum
output current per phase (
a = 0.15 for ±15%, a = 0.25 for
±25%, etc.). If the minimum inductor value is used, the
inductor current will swing ±
a% about its value at the center
(1/2 the DC output current for a two−phase converter).
Therefore, for a two−phase converter, the inductor must be
designed or selected such that it will not saturate with a peak
current of (1 +
a) • IO,MAX/2.
The maximum inductor value is limited by the transient
response of the converter. If the converter is to have a fast
transient response then the inductor should be made as small
as possible. If the inductor is too large its current will change
too slowly, the output voltage will droop excessively, more
bulk capacitors will be required, and the converter cost will
be increased. For a given inductor value, its interesting to
determine the times required to increase or decrease the
current.
For increasing current:
DtINC + Lo @ DIO (VIN * VOUT)
(3.1)
For decreasing current:
DtDEC + Lo @ DIO (VOUT)
(3.2)
For typical processor applications with output voltages
less than half the input voltage, the current will be increased
much more quickly than it can be decreased. It may be more
difficult for the converter to stay within the regulation limits
when the load is removed than when it is applied − excessive
overshoot may result.
The output voltage ripple can be calculated using the
output inductor value derived in this Section (LoMIN), the
number of output capacitors (NOUT,MIN) and the per
capacitor ESR determined in the previous Section:
VOUT,P−P + (ESR per cap NOUT,MIN) @
(VIN * #Phases @ VOUT) @ D (LoMIN @ fSW)
(4)
This formula assumes steady−state conditions with no
more than one phase on at any time. The second term in
Equation 4 is the total ripple current seen by the output
capacitors. The total output ripple current is the “time
summation” of the two individual phase currents that are
180 degrees out−of−phase. As the inductor current in one
phase ramps upward, current in the other phase ramps
downward and provides a canceling of currents during part
of the switching cycle. Therefore, the total output ripple
current and voltage are reduced in a multi−phase converter.
3. Input Capacitor Selection
The choice and number of input capacitors is primarily
determined by their voltage and ripple current ratings. The
designer must choose capacitors that will support the worst
case input voltage with adequate margin. To calculate the
number of input capacitors one must first determine the total
RMS input ripple current. To this end, begin by calculating
the average input current to the converter:
IIN,AVG + IO,MAX @ D h
(5)
where:
D is the duty cycle of the converter, D = VOUT/VIN;
h is the specified minimum efficiency;
IO,MAX is the maximum converter output current.
The input capacitors will discharge when the control FET
is ON and charge when the control FET is OFF as shown in
Figure 14.
IC,MAX
IC,MIN
0 A
−IIN,AVG
FET On,
Caps Discharging
FET Off,
Caps Charging
tON
T/2
DIC,IN = IC,MAX − IC,MIN
Figure 14. Input Capacitor Current for a
Two−Phase Converter
The following equations will determine the maximum and
minimum currents delivered by the input capacitors:
IC,MAX + ILo,MAX h * IIN,AVG
(6)
IC,MIN + ILo,MIN h * IIN,AVG
(7)
ILo,MAX is the maximum output inductor current:
ILo,MAX + IO,MAX 2 ) DILo 2
(8)
ILo,MIN is the minimum output inductor current:
ILo,MIN + IO,MAX 2 * DILo 2
(9)
DILo is the peak−to−peak ripple current in the output
inductor of value Lo:
DILo + (VIN * VOUT) @ D (Lo @ fSW)
(10)
For the two−phase converter, the input capacitor(s) RMS
current is then:
ICIN,RMS + [2D @ (IC,MIN2 ) IC,MIN @ DIC,IN
) DIC,IN2 3) ) IIN,AVG2 @ (1 * 2D)]1 2
(11)
Select the number of input capacitors (NIN) to provide the
RMS input current (ICIN,RMS) based on the RMS ripple
current rating per capacitor (IRMS,RATED):
NIN + ICIN,RMS IRMS,RATED
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com