Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 25 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 21Page - ON Semiconductor CS5308 Datasheet HTML 22Page - ON Semiconductor CS5308 Datasheet HTML 23Page - ON Semiconductor CS5308 Datasheet HTML 24Page - ON Semiconductor CS5308 Datasheet HTML 25Page - ON Semiconductor CS5308 Datasheet HTML 26Page - ON Semiconductor CS5308 Datasheet HTML 27Page - ON Semiconductor CS5308 Datasheet HTML 28Page - ON Semiconductor CS5308 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
CS5308
http://onsemi.com
25
saturating, the differential input voltage from CSREF to CSn
(n = 1 or 2) must satisfy the following equation:
VCSREF,MAX ) VCOn,MAX ) 310 mV @ D v 2.45 V
(35)
where:
VCSREF,MAX + Max VID Setting w AVP @ Full Load
VCOn,MAX + [VCSn * VCSREF] @ GCSA,MAX
+ (IO,MAX 2 ) DILo 2) @ RMAX
@ GCSA,MAX
RMAX + RSENSE or (RL,MAX ) RPCB,MAX)
11. VTTPGD Delay Time Setting
The VTTPGD signal is pulled LOW a predetermined delay
time (TD,VTT) after the VTT voltage crosses the VTT
Threshold. The VTTCT charge current and the capacitor
value from the VTTCT pin to ground (CVTT) determine the
TD,VTT delay time. However, the choice of oscillator
frequency and the value of ROSC set the VTTCT charge
current as shown in Figure 4. Therefore, delay time is simply
set by the value of CVTT according to the following
equation:
TD,VTT + (1 V * 0.25V) @ CVTT VTTCT_Current (36)
12. Soft Start Time
The Soft Start time (TSS) can be calculated from:
TSS + (VCOMP * RCMP1 @ ICOMP) @ CCMP2 ICOMP
(37)
where:
VCOMP + VOUT @0 A ) Channel_Startup_Offset
) Int_Ramp ) GCSA @ Ext_Ramp 2
ICOMP is the COMP source current from the data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com