Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 24 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 20Page - ON Semiconductor CS5308 Datasheet HTML 21Page - ON Semiconductor CS5308 Datasheet HTML 22Page - ON Semiconductor CS5308 Datasheet HTML 23Page - ON Semiconductor CS5308 Datasheet HTML 24Page - ON Semiconductor CS5308 Datasheet HTML 25Page - ON Semiconductor CS5308 Datasheet HTML 26Page - ON Semiconductor CS5308 Datasheet HTML 27Page - ON Semiconductor CS5308 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
CS5308
http://onsemi.com
24
CAMP is too small the loop gain/bandwidth will be high, the
COMP pin will slew very quickly and overshoot. Integrator
“wind up” is the cause of the overshoot. In this case the
output voltage will transition more slowly because COMP
spikes upward as shown in Figure 23. Too much loop
gain/bandwidth increase the risk of instability. In general,
one should use the lowest loop gain/bandwidth as possible
to achieve acceptable transient response − this will insure
good stability. If CAMP is optimal the COMP pin will slew
quickly but not overshoot and the output voltage will
monotonically settle as shown in Figure 24.
Figure 23. The Value of CAMP Is Too Low and the
Loop Gain/Bandwidth Too High. COMP Moves Too
Quickly, Which Is Evident from the Small Spike in Its
Voltage When the Load Is Applied or Removed. The
Output Voltage Transitions More Slowly Because of
the COMP Spike.
Figure 24. The Value of CAMP Is Optimal. COMP Slews
Quickly Without Spiking or Ringing. VOUT Does Not
Overshoot and Monotonically Settles to Its Final Value.
After the control loop is tuned to provide an acceptable
transient response the steady−state voltage ripple on the
COMP pin should be examined. When the converter is
operating at full, steady−state load, the peak−to−peak
voltage ripple on the COMP pin should be less than 20 mVPP
as shown in Figure 25. Less than 10 mVPP is ideal. Excessive
ripple on the COMP pin will contribute to output voltage
jitter.
Figure 25. At Full−Load (28 A) the Peak−to−Peak
Voltage Ripple on the COMP Pin Should Be Less
than 20 mV for a Well−Tuned/Stable Controller.
Higher COMP Voltage Ripple Will Contribute to
Output Voltage Jitter.
9. Current Limit Setting
When the output of the current sense amplifier (CO1 or
CO2 in the block diagram) exceeds the voltage on the ILIM
pin the part will enter hiccup mode. For inductive sensing,
the ILIM pin voltage should be set based on the inductor’s
maximum resistance (RLMAX). The design must consider
the inductor’s resistance increase due to current heating and
ambient temperature rise. Also, depending on the current
sense points, the circuit board may add additional resistance.
In general, the temperature coefficient of copper is +0.39%
per °C. If using a current sense resistor (RSENSE), the ILIM
pin voltage should be set based on the maximum value of the
sense resistor. To set the level of the ILIM pin:
VILIM + (IOUT,LIM ) DILo 2) @ R @ GILIM
(34)
where:
IOUT,LIM is the current limit threshold of the converter;
DILo/2 is half the inductor ripple current;
R is either (RLMAX + RPCB) or RSENSE;
GILIM is the current sense to ILIM gain.
For the overcurrent protection to work properly, the
current sense time constant (RC) should be slightly larger
than the RL time constant. If the RC time constant is too fast,
during step load changes the sensed current waveform will
appear larger than the actual inductor current and will
probably trip the current limit at a lower level than expected.
10. PWM Comparator Input Voltage
The voltage at the positive input terminal of the PWM
comparator (see Figure 9 or 11) is limited by the internal
voltage supply of the controller (3.3 V), the size of the
internal ramp, and the magnitude of the channel startup
offset voltage. To prevent the PWM comparator from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com