Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5308 Datasheet HTML 1Page - ON Semiconductor CS5308 Datasheet HTML 2Page - ON Semiconductor CS5308 Datasheet HTML 3Page - ON Semiconductor CS5308 Datasheet HTML 4Page - ON Semiconductor CS5308 Datasheet HTML 5Page - ON Semiconductor CS5308 Datasheet HTML 6Page - ON Semiconductor CS5308 Datasheet HTML 7Page - ON Semiconductor CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
CS5308
http://onsemi.com
2
Figure 1. Application Diagram. 5.0 V to 1.7 V at 28 A, 335 kHz with 12 V Bias for Pentium) III Applications
Recommended Components:
L1: Coiltronics CTX15−14771 or T30−26 core with 3T of #16 AWG
L2: Coiltronics CTX22−15401 X1 or T50−52 with 5T of #16 AWG Bifilar
CINPUT: 2 × Sanyo Oscon 6SP680M (680 mF, 6.3 V)
COUT: 7 × Rubycon 6.3ZA1000M10x16 (1000 mF, 6.3 V)
CCERAMICS: 12 × Panasonic ECJ−3YB0J106K (10 mF, 6.3 V)
Q1−Q4: ON Semiconductor NTB85N03 (28 V, 85 A)
VID25
VID0
VID1
VID2
VID3
PWRGD
SIGGND
RLIM2
1.0 k
RLIM1
5.76 k
CREF
0.1 mF
RCSREF
20 k
SIGGND
CCSREF
0.01 mF
CSREF
RDRP1
11.5 k
CFBK2
470 pF
VFB
CAMP
3.9 nF
CCMP1
3.3 nF
CCMP2
0.1 mF
SIGGND
ROSC
39.2 k
SIGGND
CVCC
1.0 mF
R5V
1.0 W
+5.0 V
+12 V
CS5308
COMP
VFB
VDRP
REF
ILIM
VID25
VID0
VID1
VID2
VID3
PWRGD
CSREF
CS1
CS2
ROSC
LGND
VCCL
VCCH1
GATE(H)1
GATE(L)1
PGND
VCCL12
GATE(L)2
GATE(H)2
VCCH2
VTTPGD
VTTCT
VTT
SIGGND
CVTT
0.1 mF
RVTT
1.0 k
CVCCH1
1.0 mF
CVCC12
1.0 mF
CVCCH2
1.0 mF
CQ1
0.1 mF
Q1
Q2
GATE1
GATE2
CQ3
0.1 mF
Q3
Q4
GATE3
GATE4
L1 300 nH
+
CINPUT
Electrolytics
L2 825 nH
COUT
Electrolytics
CCER
Ceramics
L3 825 nH
SWNODE1
SWNODE2
CS1
CS2
RCS1
100 k
RCS2
100 k
CCS1
0.01 mF
CCS2
0.01 mF
RFBK1
6.49 k
RCMP1
5.62 k
VTT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com