Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 9Page - ON Semiconductor CS5308 Datasheet HTML 10Page - ON Semiconductor CS5308 Datasheet HTML 11Page - ON Semiconductor CS5308 Datasheet HTML 12Page - ON Semiconductor CS5308 Datasheet HTML 13Page - ON Semiconductor CS5308 Datasheet HTML 14Page - ON Semiconductor CS5308 Datasheet HTML 15Page - ON Semiconductor CS5308 Datasheet HTML 16Page - ON Semiconductor CS5308 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
CS5308
http://onsemi.com
13
operation. The inductor current provides a portion of the
PWM ramp through the Current Sense Amplifier. The PWM
cycle ends when the sum of the current ramp, the “partial”
internal ramp voltage signal and Offset exceed the level of
the COMP pin. At T1 the output current increases and the
output voltage sags. The next PWM cycle begins and the
cycle continues longer than previously while the current
signal increases enough to make up for the lower voltage at
the VFB pin and the cycle ends at T2. After T2 the output
voltage remains lower than at light load and the average
current signal level (CSn output) is raised so that the sum of
the current and voltage signal is the same as with the original
load. In a closed loop system the COMP pin would move
higher to restore the output voltage to the original level.
SWNODE
VFB (VOUT)
Internal Ramp
CSA Out w/
Exaggerated
Delays
COMP−Offset
CSA Out + Ramp + CSREF
T1
T2
Figure 10. Open Loop Operation
Figure 11. Enhanced V2 Control Employing Lossless Inductive Current Sensing and Internal Ramp
+
SWNODE
Ln
RCSn
RLn
CSn
CSA
COn
CSREF
+
VOUT
(VCORE)
“Fast−Feedback”
Connection
+
PWM
COMP
To F/F
Reset
Channel
Start−Up
Offset
+
E.A.
DAC
Out
VFB
COMP
Internal Ramp
+
n = 1 or 2
CCSn
− +
Inductive Current Sensing
For lossless sensing, current can be sensed across the
inductor as shown in Figure 11. In the diagram, L is the
output inductance and RL is the inherent inductor resistance.
To compensate the current sense signal, the values of RCSn
and CCSn are chosen so that L/RL = RCSn • CCSn. If this
criteria is met, the current sense signal will be the same shape
as the inductor current and the voltage signal at CSn will
represent the instantaneous value of inductor current. Also,
the circuit can be analyzed as if a sense resistor of value RL
was used as a sense resistor (RS).
When choosing or designing inductors for use with
inductive sensing, tolerances and temperature effects should
be considered. Cores with a low permeability material or a
large gap will usually have minimal inductance change with
temperature and load. Copper magnet wire has a
temperature coefficient of 0.39% per °C. The increase in
winding resistance at higher temperatures should be
considered when setting the ILIM threshold. If a more
accurate current sense is required than inductive sensing can
provide, current can be sensed through a resistor as shown
in Figure 9.
Current Sharing Accuracy
Printed circuit board (PCB) traces that carry inductor
current can be used as part of the current sense resistance
depending on where the current sense signal is picked off.
For accurate current sharing, the current sense inputs should
sense the current at relatively the same point for each phase
and the connection to the CSREF pin should be made so that
no phase is favored. In some cases, especially with inductive
sensing, resistance of the PCB can be useful for increasing
the current sense resistance. The total current sense
resistance used for calculations must include any PCB trace
resistance between the CSn input and the CSREF input that
carries inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com