Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 29 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button CS5308 Datasheet HTML 23Page - ON Semiconductor CS5308 Datasheet HTML 24Page - ON Semiconductor CS5308 Datasheet HTML 25Page - ON Semiconductor CS5308 Datasheet HTML 26Page - ON Semiconductor CS5308 Datasheet HTML 27Page - ON Semiconductor CS5308 Datasheet HTML 28Page - ON Semiconductor CS5308 Datasheet HTML 29Page - ON Semiconductor CS5308 Datasheet HTML 30Page - ON Semiconductor CS5308 Datasheet HTML 31Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
CS5308
http://onsemi.com
29
cores is relatively constant versus DC current, AC flux
density and frequency. Less expensive core materials (such
as the −52 from Micrometals) change their characteristics
versus DC current, AC flux density, and frequency. The less
expensive materials may yield acceptable converter
performance if the current sense time constant is set
approximately 2× longer than anticipated. For example, use
approximately twice the resistance (RCSn) or twice the
capacitance (CCSn) when using the less expensive core
material. If we use −52 material for this design, the value of
RCSn should be increased to 2 × 50 kW or 100 kW.
8. Error Amplifier Tuning
The error amplifier is tuned by adjusting CAMP to provide
an acceptable full−load transient response as shown in
Figures 22−24. After a value for CAMP is chosen, the
peak−to−peak voltage ripple on the COMP pin is examined
under full−load to insure less than 20 mVPP as shown in
Figure 25.
9. Current Limit Setting
The maximum inductor resistance, the maximum PCB
resistance, and the maximum current−sense gain as shown
in Equation 34 determine the current limit. The maximum
current, IOUT,LIM, was specified in the design requirements.
The maximum inductor resistance occurs at full−load and
the highest ambient temperature. This value was found in the
“Output Inductor Section” (1.58 m
W). The PCB resistance
increases due to the change in ambient temperature:
RPCB,MAX + 0.75 mW @ (1 ) 0.39% °C @ (60 * 25)°C)
+ 0.85 mW
VILIM + (IOUT,LIM ) DILo 2) @ (RLMAX ) RPCB,MAX)
@ GILIM
+ (33 A ) 4.0 A 2) @ (1.29 mW ) 0.85 mW)
@ 6.5 V V
+ 0.486 Vdc
Set the voltage at the ILIM pin using a resistor divider from
the 3.3 V reference output as shown in Figure 27. If the
resistor from ILIM to GND is chosen as 1 k (RLIM2), the
resistor from ILIM to 3.3 V can be calculated from:
RLIM1 + (VREF * VILIM) (VILIM RLIM2)
+ (3.3 V * 0.486 V) (0.486 V 1kW)
+ 5790W or 5.76 kW
RLIM2
1 k
RLIM1
??
3.3 VREF
To ILIM Pin
VLIM
Figure 27. Setting the Current Limit
10. PWM Comparator Input Voltage
Use Equation 35 to check the voltage level to the positive
pin of the internal PWM comparators to insure the design
will not saturate the comparator at maximum DAC output
voltage with 1% error, AVP at full−load, 100% duty cycle (D
= 1), and maximum internal ramp (310 mV at 100%
duty−cycle):
VCSREF,MAX + Max VID Setting w AVP @ Full−Load
+ 1.01 @ 1.825 V * 45 mV + 1.80 V
VCOn,MAX
+ (IO,MAX 2 ) DILo 2) @ RMAX @ GCSA,MAX
+ (28 A 2 ) 4.0 A 2) @ (1.29 mW ) 0.82 mW)
@ 3.95 V V
+ 0.133 V
VCSREF,MAX ) VCOn,MAX ) 310 mV @ D
+ 1.80 V ) 0.133 V ) 310 mV
+ 2.243 V
(35)
This value is acceptable because it is below the specified
maximum of 2.45 V.
11. VTTPGD Delay Time Setting
To obtain the 335 kHz switching frequency the value of
ROSC was set to 39 kW in Section 6. Figure 4 must be used
to determine the value of the VTTCT Charge Current at this
ROSC value. In this example, the 39 kW ROSC resistor results
in a VTTCT Charge Current of approximately 26 mA. Using
Equation 34 and solving for CVTT:
TD,VTT + (1 V * 0.25 V) @ CVTT VTTCT_Current (34)
CVTT + TD,VTT @ VTTCT_Current 0.75 V
+ 2.5 ms @ 26 mA 0.75 V
+ 0.086 mFor0.1 mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com