Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5308 Datasheet HTML 1Page - ON Semiconductor CS5308 Datasheet HTML 2Page - ON Semiconductor CS5308 Datasheet HTML 3Page - ON Semiconductor CS5308 Datasheet HTML 4Page - ON Semiconductor CS5308 Datasheet HTML 5Page - ON Semiconductor CS5308 Datasheet HTML 6Page - ON Semiconductor CS5308 Datasheet HTML 7Page - ON Semiconductor CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
CS5308
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range
−65 to 150
°C
Package Thermal Resistance
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
15
75
°C/W
°C/W
ESD Susceptibility (Human Body Model)
2.0
kV
JEDEC Moisture Sensitivity
Level 2
−
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Name
VMAX
VMIN
ISOURCE
ISINK
COMP
6.0 V
−0.3 V
1.0 mA
1.0 mA
VFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
VDRP
6.0 V
−0.3 V
1.0 mA
1.0 mA
CS1−CS2
6.0 V
−0.3 V
1.0 mA
1.0 mA
CSREF
6.0 V
−0.3 V
1.0 mA
1.0 mA
PWRGD
6.0 V
−0.3 V
1.0 mA
8.0 mA
VID Pins
6.0 V
−0.3 V
1.0 mA
1.0 mA
ILIM
6.0 V
−0.3 V
1.0 mA
1.0 mA
REF
6.0 V
−0.3 V
1.0 mA
20 mA
VTT
6.0 V
−0.3 V
1.0 mA
1.0 mA
VTTCT
6.0 V
−0.3 V
1.0 mA
40 mA
VTTPGD
6.0 V
−0.3 V
1.0 mA
8.0 mA
VCCHx
20 V
−0.3 V
N/A
1.5 A for 1.0 ms,
200 mA DC
GATE(H)x
20 V
−0.3 V DC
−2.0 V for 100 ns
1.5 A for 1.0 ms,
200 mA DC
1.5 A for 1.0 ms,
200 mA DC
GATE(L)x
16 V
−0.3 V DC
−2.0 V for 100 ns
1.5 A for 1.0 ms,
200 mA DC
1.5 A for 1.0 ms,
200 mA DC
VCCL12
16 V
−0.3 V
N/A
1.5 A for 1.0 ms,
200 mA DC
PGND
0.3 V
−0.3 V
2.0 A, 1.0 ms, 200 mA DC
N/A
LGND
0 V
0 V
50 mA
N/A
VCCL
16 V
−0.3 V
N/A
50 mA
ROSC
6.0 V
−0.3 V
1.0 mA
1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com