Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADL5960
APPLICATIONS INFORMATION
analog.com
Rev. A | 25 of 32
SDIO Interface
Figure 69. Simplified SDIO Interface
The ADL5960 implements a 3-wire SPI that uses a single line for
transmission/reception of data. When receiving data, that is, during
a write operation to the device, the transmitter output becomes
high-impedance such that the transmitting device can pull the data
line low or high as desired. To connect this interface to an SPI con-
troller using a 4-wire interface, with separate data input and data
output lines, a series current limiting resistor as shown in Figure 70
is recommended to isolate the controller and target outputs. This
resistor provides protection in the event that both outputs become
simultaneously active.
Figure 70. SPI 4-Wire to 3-Wire Interfacing
TEMP Interface
In addition to the on-chip digital thermometer, the TEMP pin can be
used to monitor the die temperature by applying a known reference
current into the pin and measure the pin voltage relative to ground.
An injected current of 42 µA results in a nominal voltage of 0.775 V
at 25°C and a temperature slope of approximately −1.54 mV/°C.
Figure 71. Temperature Diode Interface
LO INTERFACE CONFIGURATION
The LO interface supports a bypass mode and four different multi-
ply/divide modes that are selectable through register 0x20 in the
SPI interface. Each of these operating modes is discussed in
the Bypass Mode (Bypass = 1) section to Multiply by 4 Mode
(LOMODE = 3) section.
Bypass Mode (Bypass = 1)
The LO signal is routed directly to the internal downconversion
mixers, bypassing the frequency multipliers and dividers. The LO
multipliers and dividers and the OF interface are disabled. The
ADL5960 achieves the widest bandwidth and highest dynamic
range in this mode.
Divide by 2 Mode (LOMODE = 0)
The frequency of the LO input signal is divided by two before
being passed through the offset mixer and supplied to the down-
conversion mixers. If supported by the frequency range of the RF
signal, this LO operating mode provides a means to extend the
VNA measurements frequency range below the minimum frequency
supported by the LO source itself. This operating mode can be
used either with the offset frequency interface enabled or disabled.
Multiply by 1 Mode (LOMODE = 1)
The LO signal bypasses the LO multipliers and dividers but is
routed through the offset mixer to the downconversion mixers.
The intended use is with the offset frequency interface enabled.
Although it can be used with the offset frequency interface disabled,
improved performance is achieved by selecting the bypass mode
(bypass = 1) instead.
Multiply by 2 Mode (LOMODE = 2)
The LO signal is passed through a frequency doubler, a program-
mable band-pass filter, and an offset mixer to the downconversion
mixers. The band-pass filter suppresses the subharmonics in the
doubler output signal and can be tuned by programming the CT2
bit field in Register 0x21. Table 7 lists the recommended setting
for different 2× LO frequency ranges. All CT2 settings are valid.
For CT2 settings not shown in the table, for example CT2=2,
CT2=5, ... CT2=30, the minimum and maximum 2× fLO can be
linearly interpolated based on the table entries shown. The multiply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com