Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADL5960
THEORY OF OPERATION
analog.com
Rev. A | 19 of 32
CALIBRATION AND ERROR CORRECTION
The accuracy of S-parameter measurements is prone to a variety
of errors introduced by the hardware in vector network analyzers.
Systematic errors, those that are repeatable and predictable, can
be eliminated from the measurement results using calibration and
error correction techniques. The types of systematic errors that can
be eliminated (to a certain extent) include the following:
►
Impedance mismatches
►
Gain and insertion loss differences between channels
►
Crosstalk between channels
Various error correction and calibration techniques have been de-
veloped over the years (see, for example, D. K. Rytting, "Network
Analyzer Accuracy Overview," 58th ARFTG Conference Digest,
2001, pp. 1-13, doi: 10.1109/ARFTG.2001.327486) that differ in
their effectiveness to eliminate certain errors, complexity, and cali-
bration standards used. The general principals that are applied,
however, are the same for all. The systematic errors are determined
by measuring the VNA response for a set of DUTs with accurately
known S-parameters—the calibration standards. Comparing the
measured S-parameters with the known S-parameters allows calcu-
lation of the error coefficients. These error coefficients, combined
into what is often referred to as an error adapter, can then be
used in a postprocessing step to calculate the error corrected
S-parameters from the measured S-parameters of an unknown
DUT. Figure 55 illustrates the concept.
Figure 55. Concept of Error Correction in VNAs
Different error correction techniques require the use of different
sets of calibration standards. Some of the most well known include
short, open, load, thru (SOLT), thru, reflect, line (TRL), and thru, re-
flect, match (TRM). The standards within a set are chosen to have
significantly different S-parameters, such that they span a large
area on the Smith chart. The calibration standards themselves, par-
ticularly the ones with extreme S-parameter values such as short
and open standards, are typically not completely ideal either and
usually include a manufacturer supplied model for the S-parameters
vs. frequency. In general, calibration standards can be subdivided
into the two following categories:
►
One-port calibration standards, measured at each VNA port
►
Two-port calibration standards, measured for each combination
of VNA ports
The calibration procedure for a VNA built from ADL5960 devices is
similar to that for any other VNA system. For maximum accuracy,
it is important to note that the frequencies used. Additionally, the
ADL5960 SPI gain, bandwidth, and frequency multiplier/divider
settings used during calibration must exactly match the settings
used during an actual DUT measurement. Calibrate the VNA for
multiple different configurations if the settings are expected to be
different during an actual measurement because gain and other
settings are subject to device-to-device and channel-to-channel
spread (mismatch).
Although S-parameters are the result of a power ratio calculation
and, in principle, independent of absolute power levels, it is often
important to accurately control the RF source power vs. frequency
during a measurement. When the DUT exhibits nonlinearity across
the applied RF power levels, such as semiconductor devices, a
change in power level can result in a change of the DUT behavior
that affects the measurement accuracy. The ADL5960 forward IF
channel can be used to monitor the power levels in the RF signal
path, particularly when the port is terminated with 50 Ω, such as
during calibration of the system with a load standard. The conver-
sion gain of the ADL5960 itself does exhibit roll-off vs. frequency
as well, which must be taken into account to achieve an accurate
power measurement.
One-Port Calibration
The calibration procedure for a one-port S-parameter measure-
ment can be explained using the flow diagram in Figure 56
(see also D. K. Rytting, "Network Analyzer Accuracy Overview,"
58th ARFTG Conference Digest, 2001, pp. 1-13, doi: 10.1109/
ARFTG.2001.327486). The directional coupler and error model
together describe the operation of a practical VNA. The incident
wave, a0, and reflected wave, b0, represent the forward and reverse
power measured by the VNA. When using the ADL5960, these
vectors are obtained from the IF outputs, IFFx and IFRx. The
actual power incident on the load is represented by a1, whereas
b1 represents the actual power reflected by the load. An error-free
VNA measures a1 and b1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com