Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Data Sheet
ADL5960
SERIAL PERIPHERAL INTERFACE
analog.com
Rev. A | 28 of 32
PROTOCOL
The ADL5960 can be connected to an SPI bus as a peripheral
device to control and monitor several of its internal functions. See
the Serial Interface Timing Specifications section for detailed timing
requirements. The 3-wire interface with a shared data input and
output line uses 16-bit addresses to access the 8-bit wide registers.
Each SPI instruction consists of the register address followed by
one or more data bytes, with the MSB transferred first. The device
supports single-byte read and write operations as well as streaming
read and write methods.
REGISTER ADDRESS
The 15 LSBs of the 16-bit register address define an address space
with 215 = 32,768 unique register addresses. Only a fraction of
these addresses is used by the ADL5960. The MSB is reserved to
distinguish between a write operation to the device register (MSB =
0) and a readback from the register address (MSB = 1).
READ AND WRITE METHODS
The ADL5960 supports both single register read and write methods
and streaming read and write methods, transferring data to and
from multiple registers in a single operation.
Each instruction starts with a high to low transition of the CS line.
Data is latched, starting with the MSB address bit, at each rising
edge of the clock as long as CS remains low. The instruction ends
with a low to high transition on CS. When a read instruction is
executed, the SDIO shared input and output line changes from
a high-impedance input (SDI) to a low-impedance output (SDO)
during the ½ clock cycle immediately following the rising edge on
SCLK that latched the last address bit, and the next falling edge on
SCLK. SDIO returns to a high-impedance input (SDI) state when
CS is deasserted.
Streaming read and write methods operate in autodecrement mode
only, reading and writing the next data byte to and from the register
with the address that is one lower than the previous one.
REGISTER DETAILS
Register 0x00 through Register 0x05 configure the SPI and contain
device identifiers. Register 0x20 to Register 0x26 control the analog
circuit functionality of the device. Refer to Table 12 for details.
Interface Configuration Register
Register 0x00 is the serial interface configuration register and is
implemented as a 4-bit palindrome with each nibble a mirror of
the other. This mirror ensures that regardless of which way data is
shifting, the device can be programmed if device synchronization
is lost. Therefore, when writing to this address, the palindrome
is always required to eliminate any ambiguity in configuring this
register.
Table 12. ADL5960 SPI Register Details
Addr
Name
Bits
Bit Name
Description
Reset
Access
0x00
SPI_CONFIG_A
7
SOFTRESET_
Soft Reset. Copy of Bit 0
0x0
R/W
6
LSB_FIRST_
LSB First. Copy of Bit 1
0x0
R/W
5
ASCENSION_
Address Ascension. Copy of Bit 2.
0x0
R/W
[4:3]
RESERVED
Reserved.
0x0
R
2
ASCENSION
Address Ascension. When set, causes address ascension address mode to be
enabled. When clear, addresses descend.
0x0
R/W
0: Address Autodecrement.
1: Address Autoincrement.
1
LSB_FIRST
LSB First. When set, causes input and output data to be oriented as LSB first.
If this bit is clear, the data is oriented as MSB first.
0x0
R/W
1: LSB First.
0: MSB First.
0
SOFTRESET
Soft Reset. Setting this bit initiates a reset equivalent to a hard reset with the
exception that the bits of 0x00 (this register) and the SPI state machine are
unaffected. This bit is autoclearing after the soft reset is complete.
0x0
R/W
1: Reset Asserted.
0: Reset Not Asserted.
0x01
SPI_CONFIG_B
7
SINGLE_INSTRUCTION
Single Instruction. When this bit is set, streaming is disabled and only one
read or write operation is performed regardless of the state of the CS line.
When this bit is clear, streaming is enabled. If this bit is set and the CS
remains asserted, the state machine resets after the data byte as if CS was
deasserted and awaits the next instruction. This forces each data byte to
be preceded with a new instruction even though the CS line has not been
deasserted by the SPI controller.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com