Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADL5960ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Data Sheet
ADL5960
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 32
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Serial Interface Timing Specifications................ 5
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Typical Performance Characteristics..................... 8
Theory of Operation.............................................16
Basic One-Port Vector Network Analyzer.........16
Frequency Planning—LO Configurations.........16
OF Interface..................................................... 17
IF Signal Path...................................................17
Multiport Vector Network Analyzer................... 17
Calibration and Error Correction.......................19
Applications Information...................................... 23
Interface Descriptions.......................................23
LO Interface Configuration............................... 25
IF Signal Path Configuration............................ 26
Serial Peripheral Interface................................... 28
Protocol............................................................ 28
Register Address..............................................28
Read and Write Methods..................................28
Register Details................................................ 28
Typical Application Test Circuit............................ 31
Outline Dimensions............................................. 32
Ordering Guide.................................................32
Evaluation Boards............................................ 32
REVISION HISTORY
7/2023—Rev. 0 to Rev. A
Changes to Ordering Guide........................................................................................................................... 32
7/2023—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com