Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADL5960
APPLICATIONS INFORMATION
analog.com
Rev. A | 23 of 32
INTERFACE DESCRIPTIONS
Power Supply Interfaces
The AVCC, OVCC, and OVDD pins have independent supply
clamps and must be ramped slower than 100 µs to avoid triggering
the clamps. Decoupling of the supply interfaces with 1 nF//4.7 μF
capacitors is recommended to suppress residual high-frequency
ripple. OVDD can be connected to the supply of the SPI controller
to eliminate the need for logic level translators in the SPI bus lines.
Figure 59. Simplified Power Supply Interface Schematics
RFIN and RFOUT Interface
RFIN and RFOUT are both single-ended RF inputs with 50 Ω
characteristic impedance. Because both interfaces are internally
coupled, the input impedance observed at RFIN (or RFOUT) is 50
Ω if, and only if, the other interface, RFOUT (or RFIN) is terminated
with 50 Ω.
Both pins are internally DC-coupled through a 6 Ω series resistance
of the bidirectional bridge. DC currents up to 100 mA can be safely
passed through the bridge to bias a DUT such as an RF amplifier.
The bridge is designed to support average signal levels up to 30
dBm in matched conditions and peak levels up to 35 dBm. Signal
voltages on the interfaces must stay within the range from −5 V
to +10 V under extreme mismatched conditions, such as an open
circuit, that can result in larger voltage swings than observed with a
matched termination.
Figure 60. Simplified RFIN and RFOUT Interfaces
To achieve the best possible bridge directivity, both RFIN and
RFOUT must be connected to carefully matched 50 Ω broadband
transmission lines. A grounded coplanar waveguide (GCPW) as
shown in Figure 61 is a suitable implementation for this purpose.
Use Pin 2 and Pin 4 (AGND) as the RF return path for the RFIN
interface, and use Pin 18 and Pin 20 as the return path for the
RFOUT interface. A ground shield between RFIN and RFOUT
is necessary to minimize interaction outside of the bridge, which
also impacts the measured directivity. The top ground and bottom
ground layers must be connected with as many vias as possible in
the shield between RFIN and RFOUT and around the edge of the
ground return conductors of the GCPW.
Figure 61. Example GCPW Design for Interfacing RFIN and RFOUT
IFFP, IFFM, IFRP, and IFRM Interfaces
The differential IF output amplifiers are capable of driving 100 Ω
differential loads up to 8 V p-p. In the event of an output short circuit
to ground or AVCC, an internal clamp limits the current to less than
roughly 200 mA for each of the single-ended outputs (IFFM, IFFP,
IFRP, and IFRM).
Figure 62. Simplified Schematic of the IF Output Interfaces
VCM Interface
The VCM interface controls the common-mode voltage level at the
IFFx and IFRx output interfaces and simplifies DC-coupled interfac-
ing to a wide variety of ADCs. If provided by the ADC of choice,
this pin can be connected to the common-mode output or reference
output pin to align the common-mode levels and maximize the
available dynamic range.
When the VCM pin is left floating, an internal voltage-divider sets
the common-mode voltage level to OVCC/2. When externally driv-
en, a low-impedance voltage source must be used to set the
voltage on this pin. The tracking range of the VCM pin voltage to
the common-mode output voltage is linear in the range from 1 V to
4 V. For voltage levels outside this range, the output common-mode
level is clamped to 1 V or 4 V, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com