Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADL5960ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADL5960
SPECIFICATIONS
analog.com
Rev. A | 3 of 32
AVCC = OVCC = 5.0 V, EN = OVDD = 3.3 V, VCM = 2.5 V, TA = 25°C, source and load impedance = 50 Ω, continuous wave (CW) input at
RFIN, RF power (PRF) = 0 dBm, LO drive single-ended, LO power (PLO) = 0 dBm, RF frequency (fRF) = 1 GHz, LO frequency (fLO) = fRF +
500 kHz, FGAIN (Register 0x23, Bits[6:0]) = RGAIN (Register 0x24, Bits[6:0]) = 24 (decimal), BYPASS (Register 0x20, Bit 4) = 1, default SPI
register values, unless otherwise noted. Test circuit shown in Figure 72.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
BIDIRECTIONAL BRIDGE
RFIN to RFOUT
RF Frequency Range
0.01 to 20
GHz
Insertion Loss
fRF = 10 MHz
1.0
dB
fRF = 1 GHz
1.1
dB
fRF = 10 GHz
1.8
dB
fRF = 15 GHz
1.8
dB
fRF = 18 GHz
1.9
dB
fRF = 20 GHz
1.8
dB
Return Loss
fRF < 20 GHz
>12
dB
Directivity1
fRF = 10 MHz, LOMODE = 0, BYPASS = 0
21.6
dB
fRF = 1 GHz
24.1
dB
fRF = 10 GHz
28.3
dB
fRF = 15 GHz
20.7
dB
fRF = 18 GHz
12.8
dB
fRF = 20 GHz
8.9
dB
Third-Order Intercept (IP3)
fRF = 1 GHz
71
dBm
VNA CHANNELS
RFIN to IFFP/IFFM, RFOUT to IFRP/IFRM
RF Frequency Range
0.01 to 20
GHz
RF to IF Leakage
fRF = 50 MHz, differential IF output
−13.5
dBV
Maximum Voltage Conversion Gain2
FGAIN, RGAIN = 0x42 (66 dB)
fRF = 10 MHz
41.1
dB
fRF = 1 GHz
49.2
dB
fRF = 10 GHz
48.0
dB
fRF = 15 GHz
47.4
dB
fRF = 18 GHz
46.4
dB
fRF = 20 GHz
45.2
dB
Minimum Voltage Conversion Gain
FGAIN, RGAIN = 0x00 (0 dB)
fRF = 10 MHz
−21.4
dB
fRF = 1 GHz
−15
−13.3
−11
dB
fRF = 10 GHz
−14.5
dB
fRF = 15 GHz
−15.2
dB
fRF = 18 GHz
−16.2
dB
fRF = 20 GHz
−17.3
dB
Conversion Gain Step Size
See Table 11
4.4
6.0
6.3
dB
Input 1dB Compression Point (IP1dB)
fRF = 1 GHz, FGAIN = RGAIN = 0
29
dBm
Output 1dB Compression Point (OP1dB)
FGAIN, RGAIN ≥ 12, 100 Ω differential load
18.4
dBm
Input Third-Order Intercept (IIP3)3
fRF = 1 GHz, FGAIN, RGAIN = 0
32
dBm
Output Third-Order Intercept (OIP3)
FGAIN = RGAIN = 30 (decimal)
32.3
dBm
Input Second-Order Intercept (IIP2)3
fRF = 1 GHz, FGAIN = RGAIN = 0
55
dBm
Noise Figure
FGAIN = RGAIN = 60 (decimal)
fRF = 10 MHz
73.5
dB
fRF = 1 GHz
48.2
dB
fRF = 10 GHz
48.1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com