Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Data Sheet
ADL5960
APPLICATIONS INFORMATION
analog.com
Rev. A | 26 of 32
by 2 mode can be used standalone or in combination with the offset
frequency interface.
Table 7. Recommended CT2 Band-Pass Filter Settings for LOMODE = 2
CT2
Minimum 2× fLO (GHz)
Maximum 2× fLO (GHz)
0
15
20
1
14
15
3
11
14
4
10
12
6
9
10
8
8
9
12
7
8
15
6
7
22
5
6
31
4
5
Multiply by 4 Mode (LOMODE = 3)
The LO signal is passed first through a frequency doubler, followed
by the band-pass filter tuned through the CT2 bit field, through a
second frequency doubler, and followed by a second band-pass
filter tuned through the CT4 bit field in Register 0x22. Finally, the
signal is passed through the offset mixer to the downconversion
mixers. Table 8 lists the recommended setting for different 4× LO
frequency ranges. The list is not exhaustive. Other valid combina-
tions exist that result in frequency ranges partially or entirely over-
lapping with the recommended settings. This mode can be used
standalone or in combination with the offset frequency interface.
Table 8. Recommended CT2 and CT4 Band-Pass Filter Settings for LOMODE
= 3
CT2
CT4
Minimum 4× fLO (GHz)
Maximum 4× fLO (GHz)
<5
<12
>20
>21
5
12
20
21
6
13
19
20
7
14
17
19
12
15
14
17
IF SIGNAL PATH CONFIGURATION
The IF signal path following the downconversion mixers can be
configured to optimize the output signal dynamic range and to
achieve optimal interfacing to a wide range of ADCs.
Two cascaded low-pass filters provide programmable IF bandwidth
for suppression of out of band noise and spurious tones. The first
filter provides coarse bandwidth adjustment through the CIF1 bit
field in Register 0x25, as listed in Table 9 and shown in Figure 22.
Table 9. IF −3 dB Bandwidth vs. CIF1 with CIF2 = 0
CIF1
f−3dB (MHz)
CIF1
f−3dB (MHz)
0
126
8
13.0
1
64.0
9
11.6
2
41.0
10
10.5
3
30.1
11
9.5
Table 9. IF −3 dB Bandwidth vs. CIF1 with CIF2 = 0 (Continued)
CIF1
f−3dB (MHz)
CIF1
f−3dB (MHz)
4
24.1
12
8.8
5
19.7
13
8.1
6
16.7
14
7.6
7
14.5
15
7.0
The second filter provides finely spaced lower bandwidth settings
programmable through the CIF2 bit field in Register 0x25, listed
in Table 10 and shown in Figure 25. Both output channels are
programmed to the same IF bandwidth.
Table 10. IF −3 dB Bandwidth vs. CIF2 with CIF1 = 0
CIF2
f−3dB (MHz)
CIF2
f−3dB (MHz)
0
126
8
1.5
1
11.1
9
1.3
2
5.9
10
1.2
3
3.8
11
1.0
4
3.1
12
0.99
5
2.3
13
0.86
6
2
14
0.80
7
1.6
15
0.70
Following the filters are differential output amplifiers with individually
programmable gain. The adjustable gain feature is to accommodate
the actual RF drive level in use, and the feature also enables dy-
namic range optimization of both the forward and reverse channels
over a wide range of port terminations. For example, if the bridge
is terminated with an impedance close to 50 Ω, the bridge output
signal level in the reverse (reflected) channel is much lower than
in the forward (incident) channel. To compensate for this difference,
the reverse channel amplifier can be programmed to a higher gain
setting than the forward channel, so both channels use the full input
dynamic range of the ADC connected to the IF outputs. To achieve
optimal measurement accuracy, a calibration procedure must cover
all used gain setting combinations for the forward and reverse
channels.
The gain for the forward and reverse channel can be programmed
through the FGAIN bit field in Register 0x23 and the RGAIN bit field
in Register 0x24, respectively, in 6 dB steps, as shown in Table 11.
Note that the bit field values also need to be increased in steps
of 6 to select the next gain setting (see Figure 20). Although gain
levels beyond 48 dB are supported, these levels are usually of little
practical significance because amplified noise starts to saturate the
IF channels.
Table 11. IF Amplifier Gain vs. FGAIN and RGAIN Settings
FGAIN, RGAIN
IF Gain (dB)
0 to 5
0
6 to 11
6
12 to 17
12
18 to 23
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com