Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL5960ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADL5960
SPECIFICATIONS
analog.com
Rev. A | 5 of 32
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY INTERFACES
AVCC, OVCC, OVDD
Supply Voltage (AVCC, OVCC)
4.75
5.0
5.25
V
Supply Current (AVCC + OVCC)
EN = AVCC, Register 0x20 = 0x0B (BYPASS = 0, LOMODE =
3)
200
225
250
mA
EN = AVCC, Register 0x20 = 0x1D (OFMODE = 3)
110
120
130
mA
EN = 0 V (shutdown)
32
2000
µA
SPI Supply Voltage (OVDD)
1.8
3.3
3.6
V
SPI Supply Current (OVDD)
2
24
500
µA
1 Error correction coefficient (e00) obtained from measurements of the ratio of reverse and forward IF output ports for short, open, and load terminations on RFOUT. Printed
circuit board (PCB) transmission line is de-embedded by splitting the measured transmission matrix of the through line on the PCB in half and incorporating one half into the
ideal model of the terminations. See the Calibration and Error Correction section for details.
2 Voltage gain from RF input to differential IF output, with high-impedance IF load. Although the FGAIN and RGAIN bit fields are seven bits wide, values beyond 0x42 are of
limited practical use because amplified noise starts to saturate the IF output drivers.
3 Second RF tone power = 0 dBm, frequency = fRF + 100 kHz.
4 Magnitude relative to the desired output at fIF = 500 kHz.
SERIAL INTERFACE TIMING SPECIFICATIONS
Figure 2. SPI Timing Diagram
Table 2. SPI Timing Specifications
Parameter
Description
Min
Typ
Max
Unit
tDS
Setup time between data and rising edge of SCLK
15
ns
tDH
Hold time between data and rising edge of SCLK
15
ns
tCLK
Clock period
150
ns
tS
Setup time between CS and SCLK
40
ns
tH
Hold time between CS and SCLK
40
ns
tHIGH
Minimum period that SCLK must be in a logic high state
75
ns
tLOW
Minimum period that SCLK must be in a logic low state
75
ns
tZ
Maximum time delay between CS deactivation and SDIO bus return to high
impedance
150
ns
tACCESS
Maximum time delay between falling edge of SCLK and output data valid for a read
operation
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com