Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADL5960
APPLICATIONS INFORMATION
analog.com
Rev. A | 27 of 32
Table 11. IF Amplifier Gain vs. FGAIN and RGAIN Settings (Continued)
FGAIN, RGAIN
IF Gain (dB)
24 to 29
24
30 to 35
30
36 to 41
36
42 to 47
42
48 to 53
48
…
…
For best overall measurement accuracy, large-signal non-linearity
of the signal chain must be minimized. At FGAIN (or RGAIN)
values greater than 0, the ADL5960 exhibits a slight large-signal
gain expansion characteristic, up to 1 dB. This can introduce small
errors in the measured transmission or reflection coefficients. One
way to mitigate a non-linearity error is to calibrate at lower input
power levels, ≤0 dBm for example. Another technique to mitigate a
non-linearity error is by using a polynomial curve fit and applying a
correction after ADC conversion in the digital domain. For a solution
involving external hardware, set FGAIN (or RGAIN) = 0 and add a
high-precision ADC driver, such as the ADA4945.
Finally, the adjustable output common-mode level, up to 8 V p-p
output-voltage swing and up to 200 mA current drive capability,
provide enough flexibility to interface with a broad range of suitable
Σ-Δ, successive approximation register (SAR), or pipeline-based
ADCs with sample rates up to several hundred MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com