Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 10Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 11Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 12Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 14Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Data Sheet
ADL5960
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 14 of 32
Figure 40. TDEG Register Value and TEMP Voltage vs. Temperature
(ITEMP = 42 μA)
Figure 41. IF Output Common-Mode Voltage vs. Voltage at VCM Interface
(VCM) at Various Temperatures
Figure 42. Supply Current vs. Supply Voltage at Various Temperatures,
LOMODE = 0, Drawn: OFMODE = 2, Dashed: OFMODE = 3
Figure 43. Turn-On/Off Time with Continuous Wave RF = 1 GHz, 10 dBm,
IF = 10 MHz, 50 Ω Load at IFFP and IFFM
Figure 44. Supply Current vs. Supply Voltage at Various Temperatures,
BYPASS = 1
Figure 45. Supply Current vs. Supply Voltage at Various Temperatures,
LOMODE = 1, Drawn: OFMODE = 2, Dashed: OFMODE = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com