Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADL5960
THEORY OF OPERATION
analog.com
Rev. A | 21 of 32
b2a2=T23T31T01−1b0a0=TMb0a0
(12)
where:
T31 represents the transmission matrix of the DUT itself (the quanti-
ty to be measured).
TM the transmission matrix measured by the VNA.
The error corrected transmission matrix can then be expressed as
follows:
TCORRECTED=T23−1TMT01
(13)
Many different calibration techniques are available to determine
the transmission matrices, T01 and T23. One of the simplest yet
effective methods is the SOLT calibration, in which a one-port
calibration that is applied to each port, followed by measurement of
a thru connection (short between Port 1 and Port 3).
Multiport Calibration
Calibration of VNAs consisting of more than two ports can be
performed along similar procedures as the two-port calibration
discussed in Two-Port Calibration. The number of error coefficients
to be determined grows quadratically as 4n2, where n is the number
of ports. However, when interactions between the VNA ports can
be neglected only the coefficients on the block diagonal of the error
model need to be taken into account, resulting in 4n remaining
coefficients.
A practical problem arising with multiport calibration is that cali-
bration standards are usually either one-port (loads) or two-port,
whereas the calibration procedure, in principle, requires the meas-
ured n×n S-matrix and an n×n S-matrix for the actual standard
S-parameters. This problem can be addressed by constructing the
n-port S-matrix from a series of two-port measurements. Equation
14 illustrates the concept for a four-port system.
S= m
12
m12m13m14
m12m12m23m24
m13m23m13m34
m14m24m34m14
(14)
where mxy indicate from which two-port measurement the corre-
sponding S-parameter is determined.
For example, a two-port measurement using Port 1 and Port 2,
indicated by m12, can be used to determine s11, s12, s21, and s22.
Measurements on different combinations of two ports are needed
to fill the entire S-matrix. Some parameters are determined multiple
times (like s11) and can be disregarded in all but one measurement.
In general, the full set of n2 S-parameters can be determined with
n(n − 1)/2 two-port measurement sessions.
When the SOLT calibration method is applied to an n-port VNA,
for example, it requires measurement of three loads on each port,
followed by a thru standard measurement between all combinations
of two ports. The total number of measurement runs required for
this is
3n + n(n − 1)/2 = n(n + 5)/2
(15)
Rejection of IF Spurious Tones
Besides the desired output signal, a variety of other spurious
tones and mixing products are generally present in the IF output
signal spectrum. Some of these undesired tones appear at the
same frequency as the desired IF signal, and therewith reduce the
measurement accuracy. The techniques described in this section
can be used to reduce the impact of such undesired tones and
enhance the measurement accuracy.
The LO interface configurations that use the OF interface are most
vulnerable to IF spurious tones. Harmonics, sub-harmonics, mixing
products between the LO and OF, and partially suppressed image
frequencies contribute to spurious tones in the IF output spectrum.
The impact of spurious tones is most pronounced when the DUT
at the RFOUT port is well matched, such that the desired signal
in the reverse IF output channel is very small. Figure 58 illustrates
the impact of spurious tones at the IF frequency, comparing a
return loss measurement result corrected for IF spurious tones and
a raw, uncorrected result. As apparent from this figure, spurious
tones introduce ripple vs. frequency in the measurement result,
and reduce the measurement sensitivity, particularly at frequencies
below 5GHz.
Figure 58. Return Loss Measurement of a 50 Ω Load, With and Without
Correction of IF Spurious Tones
The following simple procedure can significantly reduce the ripple
due to spurious tones:
1. Measure the IF output signal with RF present.
2. Calculate the complex fast Fourier transform (FFT) frequency
component at the IF output frequency.
3. Measure the IF output signal with the RF signal off, or set to a
very low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com