Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5960ACCZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5960ACCZ-R2
Description  10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960ACCZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5960ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 14Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADL5960ACCZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADL5960
THEORY OF OPERATION
analog.com
Rev. A | 17 of 32
a frequency synthesizer. When Bit 4 in Register 0x20 is cleared
(disabling bypass mode), the LOMODE bit field in Bits[1:0] can be
used to program the LO multiplication factor, MLO as seen in the
following equation:
MLO=2LOMODE−1
(2)
That is, divide by 2, or multiply by 1, 2, or 4. To ensure that
the desired output signal downconverts at the desired IF output
frequency, fIF, the frequency supplied to the LO interface must meet
the following condition:
fLO= fRF±fIF/MLO
(3)
Note from Table 1 that the divide-by-two mode can only be used
for LO input frequencies up to 2.4 GHz, whereas the doubler and
quadrupler modes only operate from 2 GHz to 8 GHz and from
4 GHz to 8 GHz, respectively. The LO interface also contains high-
frequency filters that suppress the harmonics and subharmonics in
the multiplier outputs. The center frequency of these filters can be
programmed through Register 0x21 and Register 0x22.
OF INTERFACE
Further simplification of the VNA configuration can be achieved by
employing the differential offset frequency (OF) interface. In this
configuration, a single swept source can be used to drive the RF
and LO interfaces at the same frequency (zero frequency offset),
while the IF output frequency is set by the signal applied to the OF
interface. To enable the offset mixer, clear Bit 4 in Register 0x20
and program the OFMODE bit field in Bits[3:2]. The offset frequency
input interface, when enabled, contains a programmable divider
with ratios of 1, 2, and 4. The multiplication factor, MOF, is as shown
in Table 6.
Table 6. Offset Input Configuration
Register 0x20 [3:2] OFMODE Divide by
MOF
00
1
1
01
2
0.5
10 (default)
4
0.25
11
Dividers off
Not applicable
The IF output signal frequency, including the offset mixer, can be
represented as follows:
fIF=fRF−MLO×fLO+MOF×fOF
(4)
For a true zero-offset sweep the LO frequency therefore needs to
satisfy the following:
fLO=fRF/MLO
(5)
such that the first two terms of Equation 4 cancel out, and the IF
output frequency equals the following:
fIF=MOF×fOF
(6)
The setting MOF = 1/4 (OFMODE = 2) is particularly useful and
is the recommended OFMODE setting. When the OF interface is
driven by the ADC sample clock frequency, fs, it precisely centers
the IF output signal in the first Nyquist zone of the ADC, with four
time domain sample points per complete cycle of IF waveform. In
this mode, the discrete time nature of the IF waveform becomes
evident due to the divide-by-4 digital dividing of the offset input.
IF SIGNAL PATH
The IF output signal of the mixers is passed through low-pass filters
to remove unwanted mixing products and noise. The bandwidth of
these filters is SPI-programmable through Register 0x25. The same
bandwidth setting is applied to both ADL5960 IF channels.
The IF amplifiers that follow the low-pass filters have individually
SPI-programmable gain, adjustable in 6 dB steps. This programma-
ble gain enables optimal interfacing of both channels to the ADC
input dynamic range.
The IF output interfaces of the ADL5960 are suited to drive a wide
range of ADCs directly. To avoid aliasing of broadband noise, it
is recommended to insert a simple antialiasing filter as shown in
Figure 53.
Figure 53. Interfacing the ADL5960 to an ADC
Each of the differential IF output nodes are low source impedance.
For this reason, it is recommended to use series resistors when
necessary, such as for driving filters or highly capacitive loads or
cables, as shown on the test circuit.
MULTIPORT VECTOR NETWORK ANALYZER
The ADL5960 can also be used to create network analyzers con-
sisting of multiple ports, as shown in Figure 54. Each port connects
to one ADL5960 device, and RF switches route the RF signal to
one ADL5960 at a time. For optimum phase (and magnitude) accu-
racy, ensure the connections from the RF source to all ports are
equal in length. Further, terminate the RFIN ports of the ADL5960
devices with 50 Ω at all times, that is, when the RF source is
connected but also when the source is not connected to the port.
A suitable way to achieve this is by using an SPxT nonreflective
switch with the RF source connected to the pole. For VNAs with
many ports, a cascade of nonreflective (terminated) RF switches
can be used at the expense of larger insertion loss and potentially
increased frequency tilt. Note that the connections to the RF source
as drawn in Figure 54 are overly simplified, and do not by any
means follow the recommendations for an optimal layout of the
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com