Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 53 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 49Page - STMicroelectronics L6714D Datasheet HTML 50Page - STMicroelectronics L6714D Datasheet HTML 51Page - STMicroelectronics L6714D Datasheet HTML 52Page - STMicroelectronics L6714D Datasheet HTML 53Page - STMicroelectronics L6714D Datasheet HTML 54Page - STMicroelectronics L6714D Datasheet HTML 55Page - STMicroelectronics L6714D Datasheet HTML 56Page - STMicroelectronics L6714D Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
L6714
Over current protection
53/70
18.2
Inductor sense over current
The device detects an over current when the IINFOx overcome the fixed threshold IOCTH.
Since the device always senses the current across the inductor, the IOCTH crossing will
happen during the HS conduction time: as a consequence of OCP detection, the device will
turn OFF the HS MOSFET and turns ON the LSMOSFET of that phase until IINFOx re-cross
the threshold or until the next clock cycle. This implies that the device limits the peak of the
inductor current.
In any case, the inductor current won't overcome the IOCPx value and this will represent the
maximum peak value to consider in the OC design.
The device works in Constant-Current, and the output voltage decreases as the load
increase, until the output voltage reaches the UVP threshold. When this threshold is
crossed, all MOSFETs are turned off and the device stops working. Cycle the power supply
or the OUTEN pin to restart operation.
The transconductance resistor Rg can be designed considering that the device limits the
inductor current ripple peak. Moreover, when designing D-VID systems, the additional
current due to the output filter charge during dynamic VID transitions must be considered.
where
Rg
I
OCPx max
()
R
SENSE max
()
⋅
I
OCTH min
()
-----------------------------------------------------------------------
=
I
OCPx
I
OUT OCP
()
N
---------------------------
∆I
PP
2
------------
I
DVID
–
N
------------------
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com