Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 66 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 62Page - STMicroelectronics L6714D Datasheet HTML 63Page - STMicroelectronics L6714D Datasheet HTML 64Page - STMicroelectronics L6714D Datasheet HTML 65Page - STMicroelectronics L6714D Datasheet HTML 66Page - STMicroelectronics L6714D Datasheet HTML 67Page - STMicroelectronics L6714D Datasheet HTML 68Page - STMicroelectronics L6714D Datasheet HTML 69Page - STMicroelectronics L6714D Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
Embedding L6714 - Based VR
L6714
66/70
25
Embedding L6714 - Based VR
When embedding the VRD into the application, additional care must be taken since the
whole VRD is a switching DC/DC regulator and the most common system in which it has to
work is a digital system such as MB or similar. In fact, latest MB has become faster and
powerful: high speed data bus are more and more common and switching-induced noise
produced by the VRD can affect data integrity if not following additional layout guidelines.
Few easy points must be considered mainly when routing traces in which high switching
currents flow (high switching currents cause voltage spikes across the stray inductance of
the trace causing noise that can affect the near traces):
Keep safe guarding distance between high current switching VRD traces and data buses,
especially if high-speed data bus to minimize noise coupling.
Keep safe guard distance or filter properly when routing bias traces for I/O sub-systems that
must walk near the VRD.
Possible causes of noise can be located in the PHASE connections, MOSFET gate drive
and Input voltage path (from input bulk capacitors and HS drain). Also PGND connections
must be considered if not insisting on a power ground plane. These connections must be
carefully kept far away from noise-sensitive data bus.
Since the generated noise is mainly due to the switching activity of the VRM, noise
emissions depend on how fast the current switches. To reduce noise emission levels, it is
also possible, in addition to the previous guidelines, to reduce the current slope by properly
tuning the HS gate resistor and the PHASE snuber network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com