Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 39Page - STMicroelectronics L6714D Datasheet HTML 40Page - STMicroelectronics L6714D Datasheet HTML 41Page - STMicroelectronics L6714D Datasheet HTML 42Page - STMicroelectronics L6714D Datasheet HTML 43Page - STMicroelectronics L6714D Datasheet HTML 44Page - STMicroelectronics L6714D Datasheet HTML 45Page - STMicroelectronics L6714D Datasheet HTML 46Page - STMicroelectronics L6714D Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
L6714
Soft start
43/70
15.1
Intel mode
Once L6714 receives all the correct supplies and enables, and Intel Mode has been
selected, it initiates the Soft-Start phase with a T1 = 1ms(min) delay. After that, the reference
ramps up to VBOOT = 1.081V (1.100V - 19mV) in T2 according to the SSOSC settings and
waits for T3 = 75µsec(typ) during which the device reads the VID lines. Output voltage will
then ramps up to the programmed value in T4 with the same slope as before (See
Figure 14).
SSOSC defines the frequency of an internal additional Soft-Start-oscillator used to step the
reference from zero up to the programmed value; this oscillator is independent from the
main oscillator whose frequency is programmed through the OSC pin. SSOSC sets then the
Output Voltage dV/dt during Soft-Start according to the resistor RSSOSC connected vs.
SGND. In particular, it allows to precisely programming the start-up time up to VBOOT (T2)
since it is a fixed voltage independent by the programmed VID. Total Soft-Start time
dependence on the programmed VID results (See Figure 15):
where TSS is the time spent to reach the programmed voltage VSS and RSSOSC the resistor
connected between SSOSC and SGND in k
Ω.
Protections are active during Soft-Start, UVP is enabled after the reference reaches 0.6V
while OVP is always active with a fixed 1.24V threshold before VBOOT and with the threshold
coming from the VID (or the programmed VOVP) after VBOOT (See red-dashed line in
Figure 14).
Note:
If during T3 the programmed VID selects an output voltage lower than VBOOT, the output
voltage will ramp to the programmed voltage starting from VBOOT.
R
SSOSC kΩ
[]
T
2 µs
[] 4.9783 10
2
–
⋅⋅
=
T
SS µs
[]
1075
µs
[]
R
SSOSC kΩ
[]
5.3816
10
2
–
⋅
-------------------------------------
V
SS
⋅
if V
SS
V
BOOT
>
()
R
SSOSC kΩ
[]
5.3816
10
2
–
⋅
-------------------------------------
V
BOOT
V
BOOT
V
SS
–
()
+
[]
⋅
if V
SS
V
BOOT
<
()
⎩
⎪
⎪
⎨
⎪
⎪
⎧
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com