Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 65 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 61Page - STMicroelectronics L6714D Datasheet HTML 62Page - STMicroelectronics L6714D Datasheet HTML 63Page - STMicroelectronics L6714D Datasheet HTML 64Page - STMicroelectronics L6714D Datasheet HTML 65Page - STMicroelectronics L6714D Datasheet HTML 66Page - STMicroelectronics L6714D Datasheet HTML 67Page - STMicroelectronics L6714D Datasheet HTML 68Page - STMicroelectronics L6714D Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
L6714
Layout guidelines
65/70
24.2
Small signal components and connections
These are small signal components and connections to critical nodes of the application as
well as bypass capacitors for the device supply (See Figure 26). Locate the bypass
capacitor (VCC, VCCDRx and Bootstrap capacitor) close to the device and refer sensible
components such as frequency set-up resistor ROSC, offset resistor ROFFSET and OVP
resistor ROVP to SGND. Star grounding is suggested: connect SGND to PGND plane in a
single point to avoid that drops due to the high current delivered causes errors in the device
behavior.
VSEN pin filtered vs. SGND helps in reducing noise injection into device and OUTEN pin
filtered vs. SGND helps in reducing false trip due to coupled noise: take care in routing
driving net for this pin in order to minimize coupled noise.
Warning:
Boot Capacitor Extra Charge. Systems that do not use
Schottky diodes might show big negative spikes on the
phase pin. This spike can be limited as well as the positive
spike but has an additional consequence: it causes the
bootstrap capacitor to be over-charged. This extra-charge
can cause, in the worst case condition of maximum input
voltage and during particular transients, that boot-to-phase
voltage overcomes the abs. max. ratings also causing device
failures. It is then suggested in this cases to limit this extra-
charge by adding a small resistor in series to the boot diode
(one resistor can be enough for all the three diodes if placed
upstream the diode anode, See Figure 26) and by using
standard and low-capacitive diodes.
Figure 26. Power connections and related connections layout (same for all phases).
Remote Buffer Connection must be routed as parallel nets from the FBG/FBR pins to the
load in order to avoid the pick-up of any common mode noise. Connecting these pins in
points far from the load will cause a non-optimum load regulation, increasing output
tolerance.
Locate current reading components close to the device. The PCB traces connecting the
reading point must use dedicated nets, routed as parallel traces in order to avoid the pick-up
of any common mode noise. It's also important to avoid any offset in the measurement and,
to get a better precision, to connect the traces as close as possible to the sensing elements.
Symmetrical layout is also suggested. Small filtering capacitor can be added, near the
controller, between VOUT and SGND, on the CSx- line when reading across inductor to allow
higher layout flexibility.
L
CIN
VIN
UGATEx
PHASEx
LGATEx
PGNDx
LOAD
BOOTx
PHASEx
VCC
SGND
+Vcc
L
CIN
VIN
LOAD
To limit C
BOOT
Extra-Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com