Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 1 Page - STMicroelectronics

  L6714D Datasheet HTML 1Page - STMicroelectronics L6714D Datasheet HTML 2Page - STMicroelectronics L6714D Datasheet HTML 3Page - STMicroelectronics L6714D Datasheet HTML 4Page - STMicroelectronics L6714D Datasheet HTML 5Page - STMicroelectronics L6714D Datasheet HTML 6Page - STMicroelectronics L6714D Datasheet HTML 7Page - STMicroelectronics L6714D Datasheet HTML 8Page - STMicroelectronics L6714D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
November 2006
Rev 3
1/70
70
L6714
4 phase controller with embedded drivers
for Intel VR10, VR11 and AMD 6Bit CPUs
Features
■ 0.5% output voltage accuracy
■ 7/8 bit programmable output up to 1.60000V -
Intel VR10.x, VR11 DAC
■ 6 bit programmable output up to 1.5500V -
AMD 6Bit DAC
■ High current integrated gate drivers
■ Full differential current sensing across inductor
or low side MOSFET
■ Embedded VRD thermal monitor
■ Integrated remote sense buffer
■ Dynamic VID management
■ Adjustable reference voltage offset
■ Programmable Soft-Start
■ Low-Side-Less startup
■ Programmable over voltage protection
■ Preliminary over voltage
■ Constant over current protection
■ Oscillator internally fixed at 150kHz externally
adjustable
■ Output enable
■ SS_END / PGOOD signal
■ TQFP64 10mm x 10mm package
with Exposed Pad
Application
■ High current VRD for desktop CPUs
■ Workstation and server CPU power supply
■ VRM modules
Description
L6714 implements a four phase step-down
controller with 90º phase-shift between each
phase with integrated high current drivers in a
compact 10mm x 10mm body package with
exposed pad.
The device embeds selectable DACs: the output
voltage ranges up to 1.60000V (both Intel VR10.x
and VR11 DAC) or up to 1.5500V (AMD 6Bit
DAC) managing D-VID with ±0.5% output voltage
accuracy over line and temperature variations.
Additional programmable offset can be added to
the reference voltage with a single external
resistor.
The controller assures fast protection against load
over current and under / over voltage (in this last
case also before UVLO). In case of over-current
the system works in Constant Current mode until
UVP.
Selectable current reading adds flexibility to the
design allowing current sense across inductor or
LS MOSFET.
System Thermal Monitor is also provided allowing
system protection from over-temperature
conditions.
TQFP64 (Exposed Pad)
www.st.com
Order codes
Part number
Package
Packaging
L6714
TQFP64
Tube
L6714TR
TQFP64
Tape and reel


Similar Part No. - L6714D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Mar-2004
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711 STMICROELECTRONICS-L6711 Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
L6711TR STMICROELECTRONICS-L6711TR Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711TR STMICROELECTRONICS-L6711TR Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
More results

Similar Description - L6714D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
February 15, 2007
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
February 14, 2007
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
April 29, 2010
logo
Holtek Semiconductor In...
L6713A HOLTEK-L6713A Datasheet
626Kb / 64P
2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
logo
STMicroelectronics
L6713A STMICROELECTRONICS-L6713A Datasheet
804Kb / 64P
2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
04-Aug-2008
logo
Intersil Corporation
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
February 25, 2010
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com