Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 17Page - STMicroelectronics L6714D Datasheet HTML 18Page - STMicroelectronics L6714D Datasheet HTML 19Page - STMicroelectronics L6714D Datasheet HTML 20Page - STMicroelectronics L6714D Datasheet HTML 21Page - STMicroelectronics L6714D Datasheet HTML 22Page - STMicroelectronics L6714D Datasheet HTML 23Page - STMicroelectronics L6714D Datasheet HTML 24Page - STMicroelectronics L6714D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
L6714
VID Tables
21/70
5.4
Mapping for the AMD 6BIT mode
5.5
Voltage identifications (VID) codes for AMD 6BIT mode
1011010
1.29375
001101
0
0.91875
1011101
1.28750
001110
1
0.91250
1011100
1.28125
001110
0
0.90625
1011111
1.27500
001111
1
0.90000
1011110
1.26875
001111
0
0.89375
1100001
1.26250
010000
1
0.88750
1100000
1.25625
010000
0
0.88125
1100011
1.25000
010001
1
0.87500
1100010
1.24375
010001
0
0.86875
1100101
1.23750
010010
1
0.86250
1100100
1.23125
010010
0
0.85625
1100111
1.22500
010011
1
0.85000
1100110
1.21875
010011
0
0.84375
1101001
1.21250
010100
1
0.83750
1101000
1.20625
010100
0
0.83125
1.
According to VR10.x specs, the device automatically regulates output voltage 19mV lower to avoid any
external offset to modify the built-in 0.5% accuracy improving TOB performances. Output regulated voltage
is than what extracted from the table lowered by 19mVbuilt-in offset. VID7 doesn’t care.
Table 7.
Voltage identifications (VID) for Intel VR10 mode + 6.25mV (See Note).
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
Table 8.
Voltage identifications (VID) mapping for AMD 6BIT mode
VID4
VID3
VID2
VID1
VID0
400mV
200mV
100mV
50mV
25mV
Table 9.
Voltage identifications (VID) codes for AMD 6BIT mode (See Note).
VID
5
VID
4
VID
3
VID
2
VID
1
VID
0
Output
Voltage
(1)
VID
5
VID
4
VID
3
VID
2
VID
1
VID
0
Output
Voltage
(1)
0
0
0
0
0
0
1.5500
1
0
0
0
0
0
0.7625
0
0
0
0
0
1
1.5250
1
0
0
0
0
1
0.7500
0
0
0
0
1
0
1.5000
1
0
0
0
1
0
0.7375
0
0
0
0
1
1
1.4750
1
0
0
0
1
1
0.7250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com