Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 45Page - STMicroelectronics L6714D Datasheet HTML 46Page - STMicroelectronics L6714D Datasheet HTML 47Page - STMicroelectronics L6714D Datasheet HTML 48Page - STMicroelectronics L6714D Datasheet HTML 49Page - STMicroelectronics L6714D Datasheet HTML 50Page - STMicroelectronics L6714D Datasheet HTML 51Page - STMicroelectronics L6714D Datasheet HTML 52Page - STMicroelectronics L6714D Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
L6714
Maximum Duty-cycle limitation
49/70
17
Maximum Duty-cycle limitation
The device limits the maximum duty cycle and this value is not fixed but it depends on the
delivered current given by the following relationship:
From the previous relationships the maximum duty cycle results:
If the desired output characteristic crosses the limited-DMAX maximum output voltage, the
output resulting voltage will start to drop after the cross-point. In this case the output voltage
starts to decrease following the resulting characteristic (dotted in Figure 19) until UVP is
detected or anyway until IDROOP=140µA.
Figure 19.
Maximum Duty-Cycle (left) and limited DMAX output voltage (right)
D
max
()
0.80
I
DROOP
2.857k
×
()
–
0.80
R
SENSE
R
g
---------------------
I
×
OUT
2.857k
×
⎝⎠
⎛⎞
–
==
D
max
()
80%
I
DROOP
0
µA
=
40%
I
DROOP
140
µA
=
⎩
⎨
⎧
=
DMAX
40 %
Maximum Duty Cycle
80 %
IDROOP = 140µA
(IOCP = N x IOCPx )
IDROOP
VOUT
0.40 VIN
Limited DMAX Output Voltage
0.80 VIN
IOCP = N x IOCPx
(IDROOP = 140µA)
IOUT
Desired output Char.
UVP Threshold
Resulting Output Char.
Limted-DMAX Output Char.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com