Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714D Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 24Page - STMicroelectronics L6714D Datasheet HTML 25Page - STMicroelectronics L6714D Datasheet HTML 26Page - STMicroelectronics L6714D Datasheet HTML 27Page - STMicroelectronics L6714D Datasheet HTML 28Page - STMicroelectronics L6714D Datasheet HTML 29Page - STMicroelectronics L6714D Datasheet HTML 30Page - STMicroelectronics L6714D Datasheet HTML 31Page - STMicroelectronics L6714D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Configuring the device
L6714
28/70
8
Configuring the device
Multiple DACs and different current reading methodologies need to be configured before the
system starts-up by programming the apposite pin DAC/CS_SEL.
The configuration of this pin identifies two main working areas (See Table 10) distinguishing
between compliancy with Intel VR10,VR11 or AMD 6BIT specifications. According to the
main specification considered, further customs can be done: main differences are regarding
the DAC table, soft-start implementation, protection management and Dynamic VID
Transitions. Of course, the Current Reading method can be still selected through DAC /
CS_SEL pin.
See Table 11 and See Table 12 for further details about the device configuration.
8.1
DAC selection
L6714 embeds a selectable DAC (through DAC/CS_SEL, See Table 10) that allows to
regulate the output voltage with a tolerance of ±0.5% (±0.6% for AMD DAC) recovering from
offsets and manufacturing variations. In case of selecting Intel Mode, the device
automatically introduces a -19mV (both VRD10.x and VR11) offset to the regulated voltage
in order to avoid any external offset circuitry to worsen the guaranteed accuracy and, as a
consequence, the calculated system TOB.
Note:
Filter DAC/CS_SEL pin with 100pF(max) vs. SGND.
Output voltage is programmed through the VID pins: they are inputs of an internal DAC that
is realized by means of a series of resistors providing a partition of the internal voltage
reference. The VID code drives a multiplexer that selects a voltage on a precise point of the
divider. The DAC output is delivered to an amplifier obtaining the voltage reference (i.e. the
set-point of the error amplifier, VREF).
Table 10.
DAC / CS_SEL settings (See Note).
DAC / CS_SEL
Resistance vs. SGND
DAC
Current sense
method
OVP
UVP
0 (Short)
Intel
Inductor DCR
VID + 150mV
(typ) or
Programmable
-750mV (typ)
170k
Ω
MOSFET RdsON
270k
Ω
AMD
Inductor DCR
1.800V (typ) or
Programmable
-750mV (typ)
OPEN
MOSFET RdsON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com